Electronic Components Datasheet Search
  English  ▼

X  

AV882 Datasheet(PDF) 2 Page - Avic Technology

Part # AV882
Description  TO-126 Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVICTEK [Avic Technology]
Direct Link  
Logo AVICTEK - Avic Technology

AV882 Datasheet(HTML) 2 Page - Avic Technology

  AV882 Datasheet HTML 1Page - Avic Technology AV882 Datasheet HTML 2Page - Avic Technology AV882 Datasheet HTML 3Page - Avic Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
@vic
AV882
Copyright © Avic Electronics Corp.
2
Website: http://www.avictek.com
TYPICAL PERFORMANCE CHARACTERISTICS
Fig.1 Static characteristics
-IB=9mA
-IB=8mA
-IB=7mA
-IB=6mA
-IB=5mA
-IB=4mA
-IB=3mA
-IB=2mA
-IB=1mA
1.6
1.2
0.8
0.4
0
8
12
16
20
0
4
Fig.2 Derating curve of safe
operating areas
150
10
50
0
-50
0
50
100
150 200
-Collector-Emitter voltage(V)
Tc,Case Temperature(°C)
Tc,Case Temperature(°C)
Fig.4 Collector Output
capacitance
Fig.3 Power Derating
-Collector-Base Voltage(v)
12
103
8
4
0
-50
0
50
100
150
200
102
101
100
100
10-1
10-2
10-3
IE=0
f=1MHz
Fig.5 Current gain-
bandwidth product
Fig.6 Safe operating area
Ic,Collector current(A)
Collector-Emitter Voltage
103
102
101
100
IB=8mA
10-2
10-1
100
101
VCE=5V
101
101
102
100
10-1
10-2
100



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com