Electronic Components Datasheet Search
  English  ▼

X  

LM2935 Datasheet(PDF) 2 Page - ON Semiconductor

Part # LM2935
Description  LOW DROPOUT DUAL VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2935 Datasheet(HTML) 2 Page - ON Semiconductor

  LM2935 Datasheet HTML 1Page - ON Semiconductor LM2935 Datasheet HTML 2Page - ON Semiconductor LM2935 Datasheet HTML 3Page - ON Semiconductor LM2935 Datasheet HTML 4Page - ON Semiconductor LM2935 Datasheet HTML 5Page - ON Semiconductor LM2935 Datasheet HTML 6Page - ON Semiconductor LM2935 Datasheet HTML 7Page - ON Semiconductor LM2935 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LM2935
2
MOTOROLA ANALOG IC DEVICE DATA
*The main output
is “Off” with switch
S1 open.
An input bypass capacitor is recommended if the regulator is located more than 4
″ from the supply
input filter. The LM2935 is not internally compensated and thus requires an external output capacitor
for stability. A minimum capacitance of 10
µF is recommended. The actual capacitance value is
dependent upon load current, temperature, and the capacitor’s equivalent series resistance (ESR).
The least stable condition is encountered at maximum load current and minimum ambient
temperature.
Vin
S1*
0.1
Input
Switch/
Reset
Gnd
3
1
4
Standby
Main
Output
2
20 k
LM2935
5.0 V/750 mA
+
10
Typical Application Circuit
This device contains 29 active transistors.
5
5.0 V/10 mA
+
10
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage Continuous
VI
60
Vdc
Transient Reverse Polarity Input Voltage
1.0% Duty Cycle,
τ ≤ 100 ms
–VI(τ)
–50
Vpk
Switch/Reset Input Current
Iin
5.0
mA
Power Dissipation
Case 314A, 314B and 314D (TO–220 Type)
TA = 25°C
PD
Internally Limited
W
Thermal Resistance, Junction–to–Ambient
R
θJA
65
°C/W
Thermal Resistance, Junction–to–Case
R
θJC
5.0
°C/W
Case 936A (D2PAK)
TA = 25°C
PD
Internally Limited
W
Thermal Resistance, Junction–to–Ambient
R
θJA
Per Figure 1
°C/W
Thermal Resistance, Junction–to–Case
R
θJC
5.0
°C/W
Operating Junction Temperature Range
TJ
– 40 to +150
°C
Storage Temperature Range
Tstg
– 65 to +150
°C
ELECTRICAL CHARACTERISTICS (Vin = 14 V, IO = 500 mA, Istby = 0 mA, CO = 10 µF, Cstby = 10 µF, TJ = 25°C [Note 1].)
Characteristic
Symbol
Min
Typ
Max
Unit
MAIN OUTPUT
Output Voltage (Vin = 6.0 V to 26 V, IO = 5.0 mA to 500 mA, TJ = – 40 to +125°C)
VO
4.75
5.0
5.25
V
Line Regulation
Vin = 9.0 V to 16 V, IO = 5.0 mA
Vin = 6.0 V to 26 V, IO = 5.0 mA
Regline
–
–
4.0
10
25
50
mV
Load Regulation (IO = 5.0 mA to 500 mA)
Regload
–
10
50
mV
Output Impedance
IO = 500 mAdc and 10 mArms, f = 100 Hz to 10 kHz
ZO
–
200
–
m
Ω
Output Noise Voltage (f = 10 Hz to 100 kHz)
Vn
–
100
–
µVrms
Long Term Stability
S
–
20
–
mV/kHR



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com