Electronic Components Datasheet Search
  English  ▼

X  

PT6726 Datasheet(PDF) 2 Page - Princeton Technology Corp

Part # PT6726
Description  16-Channel Constant Current Sink for LED Driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6726 Datasheet(HTML) 2 Page - Princeton Technology Corp

  PT6726 Datasheet HTML 1Page - Princeton Technology Corp PT6726 Datasheet HTML 2Page - Princeton Technology Corp PT6726 Datasheet HTML 3Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PT6726
V1.4
2
February 2019
ORDER INFORMATION
Valid Part Number
Package Type
Top Code
PT6726-S
24 Pins, SOP
PT6726-S
PT6726-QF
24 Pins, QFN
PT6726-QF
PIN CONFIGURATION
PIN DESCRIPTION
Pin Name
Description
Pin No.
SOP
QFN
GND
Ground terminal.
1
10
SDI
Serial input of data shift register.
2
23
CLK
Clock input of shift register, data is sampled at the rising edge of CLK.
3
24
/LE
Input terminal of latch enable. Data is latched when /LE is low. And
data on shift register goes through when /LE is high.
4
1
OUT[0:15]
Open-drain, constant-current sink outputs.
5~20
2~15
/OE
Output enable signal. Output is enabled when /OE is forced to low.
21
20
SDO
Output terminal of serial-data output to the SDI of next PT6726.
22
19
REXT
External resistor terminal for setting up all output current.
23
21
VDD
Supply voltage terminal.
24
22



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com