Electronic Components Datasheet Search
  English  ▼

X  

G618L Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # G618L
Description  T-1, (3-mm) Round, PCB Mount Right Angle Array, G61XL Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

G618L Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  G618L Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* Specifications subject to change without notice. Dimensions are in mm±0.25 unless stated otherwise.
IDEA, Inc., 1300-B Pioneer St., Brea, CA 92821 Ph:562-697-4332, 800-LED-IDEA; Fax: 562-690-1352
Catalog 995A
A-4
T-1, (3-mm) Round, PCB Mount
Right Angle Array, G61XL Series
The G61XL is a T-1 size right-angle indicator array. The LEDs are located on 4.57 mm(0.18") centers. The G61XL can be supplied with
the desired lamps preassembled from 1 to 9 sections long. (G611L thru G619L) This series provides easier handling in multiple lamp
applications, and can be supplied with any combination of colors. This series can also be supplied with pinout reversed from that shown
by adding “-RL” to the order code of the part number.
Specify part desired as follows:
G61XL/Order Code LED1 + Order Code LED 2 + ... + Order Code LED X
For example:
“G618L/4H+4G” designates an assembly with 4 red LEDs followed by 4 green LEDs.
“G618L/(4H+4G)-RL” designates the same assembly with all pins reversed.
ORDER CODE AND INFORMATION (ALL RATINGS AT 25°C AMBIENT)
LED Lamp
Typical Characteristics
Recom.
Op. If
(mA)
Epoxy & Type
Color
Order Code
Peak
Vf (V)
Iv (mcd)
2
Θ
1/2
λ (nm)
@If=20mA
@If=10mA
(Deg)
TInted Diffused
Resistor Required
Red
H
697
2.1
1.6
40
5-10
Hi Eff Red
I
635
2.0
4.5
40
10-20
Green
G
565
2.1
4.5
40
10-20
Yellow
Y
585
2.0
4.5
40
10-20
Orange
O
610
2.0
4.5
40
10-20
Tinted Transparent
High Brightness
Hi Eff Red
IT
635
2.0
11
20
10-20
Green
GT
565
2.1
15
20
10-20
Yellow
YT
585
2.0
10
20
10-20
Tinted Diffused
For 2mA Operation
Red
H2
697
2.0
1.2 @ 2mA
40
2-10
Hi Eff Red
I2
635
2.1
1.4 @ 2mA
40
2-10
Green
G2
565
2.0
1.2 @ 2mA
40
2-10
Yellow
Y2
585
2.0
1.2 @ 2mA
40
2-10
White Diffused
Bipolar, Bicolor
Red/Green
EG
635/565
2.1/2.0
2.5/2.5
54
10-20
Yellow/Green
YG
585/565
2.1/2.0
2.5/2.5
54
10-20
7.4
5.08
(0.20)
IDEA IDEA IDEA IDEA IDEA IDEA IDEA IDEA IDEA
6.35
5±.5
3 typ
5.08
ref
12
3
...
...
...
...
...
X
2.54(0.10)
typ
2.03(0.08)
typ
+
–
(typ for single color)
LED 1
(typ for bi-color)
Green
Anode
Red or
yellow
Anode


Similar Part No. - G618L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G618B ETC1-G618B Datasheet
97Kb / 1P
T-1, (3-mm) Round, PCB Mount, Right Anle Array, G61XB Series
G618S ETC1-G618S Datasheet
31Kb / 1P
T-1, (3-mm) Round, PCB Mount Direct View Array, G61XS Series
More results

Similar Description - G618L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G61XB ETC1-G61XB Datasheet
97Kb / 1P
T-1, (3-mm) Round, PCB Mount, Right Anle Array, G61XB Series
logo
IDEA.lnc.
G95XB IDEA-G95XB Datasheet
42Kb / 1P
T-1, (3-mm) Round, Bi-Color & Tri-Color PCB Mount Right Angle LED Array
G261B IDEA-G261B Datasheet
52Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
G611BX-UL IDEA-G611BX-UL Datasheet
51Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
J61UDB IDEA-J61UDB Datasheet
43Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
J61XB IDEA-J61XB Datasheet
58Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
J61XL IDEA-J61XL Datasheet
61Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
J61XS IDEA-J61XS Datasheet
56Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
J261B IDEA-J261B Datasheet
43Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
J611B IDEA-J611B Datasheet
42Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com