Electronic Components Datasheet Search
  English  ▼

X  

CMPZDA43V Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPZDA43V
Description  SURFACE MOUNT DUAL, SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 350mW
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPZDA43V Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPZDA43V Datasheet HTML 1Page - Central Semiconductor Corp CMPZDA43V Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR
CMPZDA2V4 Series silicon dual zener diode is
a high quality voltage regulator, connected in a
common anode configuration, for use in
industrial, commercial, entertainment and
computer applications.
MARKING CODE: SEE MARKING CODES ON
ELECTRICAL CHARACTERISTICS TABLE
CMPZDA2V4
THRU
CMPZDA47V
SURFACE MOUNT
DUAL, SILICON ZENER DIODE
2.4 VOLTS THRU 47 VOLTS
350mW
SOT-23 CASE
Central
Semiconductor Corp.
TM
R6 (6-August 2003)
TYPE NO.
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
ZENER
CURRENT
MAXIMUM
ZENER
VOLTAGE
TEMP.
COEFF.
MARKING
CODE
MIN
MAX
IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
IZM
Θ
ΘVZ
VOLTS VOLTS
mA
Ω
Ω
Ω
Ω
mA
µA
VOLTS
mA
% / °C
CMPZDA2V4
2.2
2.6
5.0
100
600
1.0
50
1.0
63
-0.06
WW3
CMPZDA2V7
2.5
2.9
5.0
100
600
1.0
20
1.0
57
-0.06
WW4
CMPZDA3V0
2.8
3.2
5.0
95
600
1.0
10
1.0
54
-0.06
WW5
CMPZDA3V3
3.1
3.5
5.0
95
600
1.0
5.0
1.0
47
-0.06
WW6
CMPZDA3V6
3.4
3.8
5.0
95
600
1.0
2.0
1.0
45
-0.06
WW7
CMPZDA3V9
3.7
4.1
5.0
90
600
1.0
2.0
1.0
43
-0.06
WW8
CMPZDA4V3
4.0
4.6
5.0
90
600
1.0
1.0
1.0
40
-0.05
WW9
CMPZDA4V7
4.4
5.0
5.0
80
500
1.0
3.0
2.0
38
-0.03
ZZ1
CMPZDA5V1
4.8
5.4
5.0
60
480
1.0
2.0
2.0
35
0.02
ZZ2
CMPZDA5V6
5.2
6.0
5.0
40
400
1.0
1.0
2.0
32
0.03
ZZ3
CMPZDA6V2
5.8
6.6
5.0
10
150
1.0
3.0
4.0
28
0.04
ZZ4
CMPZDA6V8
6.5
7.2
5.0
15
80
1.0
2.0
4.0
25
0.05
ZZ5
CMPZDA7V5
7.0
7.9
5.0
15
80
1.0
1.0
5.0
23
0.05
ZZ6
CMPZDA8V2
7.7
8.7
5.0
15
80
1.0
0.7
5.0
21
0.06
ZZ7
CMPZDA9V1
8.5
9.6
5.0
15
100
1.0
0.5
6.0
18
0.06
ZZ8
CMPZDA10V
9.4
10.6
5.0
20
150
1.0
0.2
7.0
16
0.07
ZZ9
CMPZDA11V
10.4
11.6
5.0
20
150
1.0
0.1
8.0
15
0.07
YY1
CMPZDA12V
11.4
12.7
5.0
25
150
1.0
0.1
8.0
13
0.07
YY2
CMPZDA13V
12.4
14.1
5.0
30
170
1.0
0.1
8.0
12
0.08
YY3
CMPZDA15V
13.8
15.6
5.0
30
200
1.0
0.05
10.5
11
0.08
YY4
CMPZDA16V
15.3
17.1
5.0
40
200
1.0
0.05
11.2
10
0.08
YY5
CMPZDA18V
16.8
19.1
5.0
45
225
1.0
0.05
12.6
9.2
0.08
YY6
CMPZDA20V
18.8
21.2
5.0
55
225
1.0
0.05
14.0
8.3
0.08
YY7
CMPZDA22V
20.8
23.3
5.0
55
250
1.0
0.05
15.4
7.6
0.09
YY8
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Power Dissipation
PD
350
mW
Operating and Storage Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS Per Zener: (TA=25°C) VF=0.9V MAX @ IF=10mA FOR ALL TYPES.


Similar Part No. - CMPZDA43V

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPZDA43V CENTRAL-CMPZDA43V Datasheet
401Kb / 2P
SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODES 2.4 VOLTS
More results

Similar Description - CMPZDA43V

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BZX84B5V1 CENTRAL-BZX84B5V1 Datasheet
120Kb / 2P
SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMSZDA2V4 CENTRAL-CMSZDA2V4 Datasheet
124Kb / 2P
SURFACE MOUNT DUAL, SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMLZDA2V4 CENTRAL-CMLZDA2V4 Datasheet
65Kb / 2P
SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
BZX84C2V4 CENTRAL-BZX84C2V4 Datasheet
336Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS
CMDZ5221B CENTRAL-CMDZ5221B_10 Datasheet
373Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMLZDA2V4 CENTRAL-CMLZDA2V4_10 Datasheet
519Kb / 2P
SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMSZ5221B CENTRAL-CMSZ5221B_10 Datasheet
479Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 275mW, 2.4 THRU 47 VOLTS 5% TOLERANCE
BZX84A2V4 CENTRAL-BZX84A2V4_11 Datasheet
335Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS 1% TOLERANCE
BZX84C3V3-33 CENTRAL-BZX84C3V3-33 Datasheet
336Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS
CMDZ2V4 CENTRAL-CMDZ2V4_10 Datasheet
369Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com