Electronic Components Datasheet Search
  English  ▼

X  

LM4953SD Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4953SD
Description  Ground-Referenced, Ultra Low Noise, Ceramic Speaker Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4953SD Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4953SD Datasheet HTML 1Page - National Semiconductor (TI) LM4953SD Datasheet HTML 2Page - National Semiconductor (TI) LM4953SD Datasheet HTML 3Page - National Semiconductor (TI) LM4953SD Datasheet HTML 4Page - National Semiconductor (TI) LM4953SD Datasheet HTML 5Page - National Semiconductor (TI) LM4953SD Datasheet HTML 6Page - National Semiconductor (TI) LM4953SD Datasheet HTML 7Page - National Semiconductor (TI) LM4953SD Datasheet HTML 8Page - National Semiconductor (TI) LM4953SD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical Characteristics V
DD = 3.0V (Continued)
The following specifications apply for V
DD = 3.0V, AV-BTL = 6dB, ZL = 2µF+30
Ω unless otherwise specified. Limits apply to T
A =
25˚C. See Figure 1.
Symbol
Parameter
Conditions
LM4953
Units (Limits)
Typ
(Note 6)
Limit
(Notes 7, 8)
V
SDIL
Shutdown Voltage Input Low
SD1
SD2
0.3*CPVdd
V (max)
T
WU
Wake-up Time
125
µsec
V
OS
Output Offset Voltage
1
10
mV (max)
V
OUT
Output Voltage Swing
THD = 1% (max); f = 1kHz
Z
L = 2µF+30
Ω, Mono BTL
10.2
Vpp
THD+N
Total Harmonic Distortion +
Noise
V
OUT = 8.5Vp-p, fIN = 1kHz
0.02
%
∈
OS
Output Noise
A-Weighted Filter, V
IN =0V
15
µV
PSRR
Power Supply Rejection
Ratio
V
RIPPLE = 200mVp-p, f = 217Hz,
Input Referred
73
dB
V
RIPPLE = 200mVp-p, f = 1kHz,
Input Referred
68
dB
SNR
Signal-to-Noise Ratio
Z
L = 2µF+30
Ω,V
OUT = 8.5Vp-p
105
dB
Note 1: All voltages are measured with respect to the GND pin unless otherwise specified.
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions that
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given; however, the typical value is a good indication of device performance.
Note 3: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature, TA. The maximum
allowable power dissipation is PDMAX =(TJMAX –TA)/θJA or the number given in Absolute Maximum Ratings, whichever is lower. For the LM4xxx typical application
(shown in Figure 1) with VDD = yyV, RL = 2µF+30Ω mono BTL operation the total power dissipation is xxxW. θJA = 40˚C/W.
Note 4: Human body model, 100pF discharged through a 1.5k
Ω resistor.
Note 5: Machine Model, 220pF-240pF discharged through all pins.
Note 6: Typicals are measured at 25˚C and represent the parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Note 9: If the product is in shutdown mode and VDD exceeds 3.6V (to a max of 4V VDD), then most of the excess current will flow through the ESD protection circuits.
If the source impedance limits the current to a max of 10mA, then the part will be protected. If the part is enabled when VDD is above 4V, circuit performance will
be curtailed or the part may be permanently damaged.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com