Electronic Components Datasheet Search
  English  ▼

X  

LF347N Datasheet(PDF) 1 Page - Motorola, Inc

Part # LF347N
Description  FAMILY OF JFET OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LF347N Datasheet(HTML) 1 Page - Motorola, Inc

  LF347N Datasheet HTML 1Page - Motorola, Inc LF347N Datasheet HTML 2Page - Motorola, Inc LF347N Datasheet HTML 3Page - Motorola, Inc LF347N Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LF347, B
LF351
LF353
FAMILY OF JFET
OPERATIONAL AMPLIFIERS
Order this document by LF347/D
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
N SUFFIX
PLASTIC PACKAGE
CASE 626
Output A
Inputs A
VEE
VCC
Output B
Inputs B
LF351
(Top View)
LF353
(Top View)
Offset Null
Invt Input
Noninvt Input
VEE
NC
VCC
Output
Offset Null
1
2
3
4
8
7
6
5
+
–
–
–
+
+
A
B
1
2
3
4
8
7
6
5
1
1
8
8
PIN CONNECTIONS
N SUFFIX
PLASTIC PACKAGE
CASE 646
(Top View)
Out 1
Inputs 1
VCC
Inputs 2
Out 2
Out 4
Inputs 4
VEE
Inputs 3
Out 3
1
2
3
4
5
6
78
9
10
11
12
13
14
4
23
++
++
1
––
––
14
1
PIN CONNECTIONS
ORDERING INFORMATION
Function
Device
Package
Operating
Temperature Range
LF351D
LF351N
Single
Single
TA = 0° to +70°C
SO–8
Plastic DIP
LF353D
LF353N
Dual
Dual
SO–8
Plastic DIP
LF347BN
LF347N
Quad
Quad
Plastic DIP
Plastic DIP
1
MOTOROLA ANALOG IC DEVICE DATA
JFET Input
Operational Amplifiers
These low cost JFET input operational amplifiers combine two
state–of–the–art analog technologies on a single monolithic integrated
circuit. Each internally compensated operational amplifier has well matched
high voltage JFET input devices for low input offset voltage. The JFET
technology provides wide bandwidths and fast slew rates with low input bias
currents, input offset currents, and supply currents.
These devices are available in single, dual and quad operational
amplifiers which are pin–compatible with the industry standard MC1741,
MC1458, and the MC3403/LM324 bipolar devices.
• Input Offset Voltage of 5.0 mV Max (LF347B)
• Low Input Bias Current: 50 pA
• Low Input Noise Voltage: 16 nV/ Hz
• Wide Gain Bandwidth: 4.0 MHz
• High Slew Rate: 13V/µs
• Low Supply Current: 1.8 mA per Amplifier
• High Input Impedance: 1012 Ω
• High Common Mode and Supply Voltage Rejection Ratios: 100 dB
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage
VCC
+18
V
VEE
–18
Differential Input Voltage
VID
±30
V
Input Voltage Range (Note 1)
VIDR
±15
V
Output Short Circuit Duration (Note 2)
tSC
Continuous
Power Dissipation at TA = +25°C
PD
900
mW
Derate above TA =+25°C
1/
θJA
10
mW/
°C
Operating Ambient Temperature Range
TA
0 to +70
°C
Operating Junction Temperature Range
TJ
115
°C
Storage Temperature Range
Tstg
– 65 to
+150
°C
NOTES: 1. Unless otherwise specified, the absolute maximum negative input voltage is
limited to the negative power supply.
2. Any amplifier output can be shorted to ground indefinitely. However, if more than
one amplifier output is shorted simultaneously, maximum junction temperature
rating may be exceeded.
© Motorola, Inc. 1996
Rev 0


Similar Part No. - LF347N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF347N NSC-LF347N Datasheet
406Kb / 13P
Wide Bandwidth Quad JFET Input Operational Amplifiers
logo
STMicroelectronics
LF347N STMICROELECTRONICS-LF347N Datasheet
302Kb / 10P
WIDE BANDWIDTH QUAD J-FET OPERATIONAL AMPLIFIERS
Mar-2001
logo
Texas Instruments
LF347N TI-LF347N Datasheet
392Kb / 10P
JFET-INPUT QUAD OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LF347N ONSEMI-LF347N Datasheet
80Kb / 4P
Operational Amplifiers
March, 2002 ??Rev. 1
logo
Texas Instruments
LF347N TI2-LF347N Datasheet
940Kb / 22P
LF347, LF347B JFET-Input Quad Operational Amplifiers
REVISED MARCH 2016
More results

Similar Description - LF347N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL081C MOTOROLA-TL081C Datasheet
169Kb / 8P
JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081_04 Datasheet
862Kb / 37P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL091 TI-TL091 Datasheet
610Kb / 8P
JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
JFET Input Operational Amplifiers
LF256H TI-LF256H Datasheet
2Mb / 32P
JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
JFET-Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
JFET Input Operational Amplifiers
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com