Electronic Components Datasheet Search
  English  ▼

X  

LM308A Datasheet(PDF) 3 Page - Motorola, Inc

Part # LM308A
Description  SUPER GAIN OPERATIONAL AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM308A Datasheet(HTML) 3 Page - Motorola, Inc

  LM308A Datasheet HTML 1Page - Motorola, Inc LM308A Datasheet HTML 2Page - Motorola, Inc LM308A Datasheet HTML 3Page - Motorola, Inc LM308A Datasheet HTML 4Page - Motorola, Inc LM308A Datasheet HTML 5Page - Motorola, Inc LM308A Datasheet HTML 6Page - Motorola, Inc LM308A Datasheet HTML 7Page - Motorola, Inc LM308A Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LM308A
3
MOTOROLA ANALOG IC DEVICE DATA
200
VCC =  VEE, SUPPLY VOLTAGES (V)
f, FREQUENCY (Hz)
f, FREQUENCY (Hz)
130
120
110
100
90
80
0
5.0
10
15
20
500
400
300
100
0
0
5.0
10
VCC =  VEE, SUPPLY VOLTAGES (V)
140
120
100
80
60
40
20
0
–20
1.0
10
100
1.0 k
10 k
100 k
1.0 M
10 M
100 M
20
16
12
8.0
4.0
0
1.0 k
10 k
100 k
1.0 M
15
20
Figure 1. Input Bias and Input Offset Currents
Figure 2. Maximum Equivalent Input Offset
Voltage Error versus Input Resistance
T, TEMPERATURE (
°C)
ri, INPUT RESISTANCE (Ω)
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–60
–40
–20
0
20
40
60
80
100
120
140
0.25
0.20
0.15
0.10
0.05
0
100
10
1.0
0.1
100 k
1.0 M
10 M
100 M
CF = 3.0 pF
Figure 3. Voltage Gain versus Supply Voltages
Figure 4. Power Supply Currents versus
Power Supply Voltages
Figure 5. Open Loop Frequency Response
Figure 6. Large Signal Frequency Response
IIO
IIB
CF = 30 pF
CF = 100 pF
CF = 0
f = 100 Hz
0
°C
TA =
0
°C
+25
°C
–55
°C
+70
°C
+125
°C
TA = –55°C
+25
°C
+70
°C
+125
°C
CF = 30 pF
CF = 3.0 pF
VCC = +15 V
VEE = –15 V
TA = +25°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com