Electronic Components Datasheet Search
  English  ▼

X  

LM2935T Datasheet(PDF) 4 Page - ON Semiconductor

Part # LM2935T
Description  LOW DROPOUT DUAL VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2935T Datasheet(HTML) 4 Page - ON Semiconductor

  LM2935T Datasheet HTML 1Page - ON Semiconductor LM2935T Datasheet HTML 2Page - ON Semiconductor LM2935T Datasheet HTML 3Page - ON Semiconductor LM2935T Datasheet HTML 4Page - ON Semiconductor LM2935T Datasheet HTML 5Page - ON Semiconductor LM2935T Datasheet HTML 6Page - ON Semiconductor LM2935T Datasheet HTML 7Page - ON Semiconductor LM2935T Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LM2935
4
MOTOROLA ANALOG IC DEVICE DATA
Vin, Input Voltage
(Pin 1)
S1, “On”/“Off” Switch
VO, Main Output Voltage
(Pin 2)
Reset (Pin 4)
Vstby, Standby Voltage
(Pin 5)
Open
Main
Output
Turn “On”
Load
Dump
Low Input
Voltage
Input
Voltage
Line Noise
Main
Output
Short
Circuit
Thermal
Shutdown
Main
Output
Turn “Off”
Open
Closed
60 V
14 V
3.0 V
5.0 V
2.4 V
0 V
9.0 V
14 V
14 V
5.0 V
5.0 V
5.0 V
5.0 V
5.0 V
5.0 V
5.0 V
0 V
2.4 V
26 V
TYPICAL CIRCUIT WAVEFORMS
30
40
50
60
70
80
1.0
1.5
2.0
2.5
3.0
3.5
010
20
30
25
15
5.0
L, LENGTH OF COPPER (mm)
PD(max) for TA = 50°C
Minimum
Size Pad
2.0 oz. Copper
L
L
Free Air
Mounted
Vertically
R
θJA
Figure 1. D2PAK Thermal Resistance and Maximum
Power Dissipation versus P.C.B. Copper Length



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com