Electronic Components Datasheet Search
  English  ▼

X  

LTC1698IS Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1698IS
Description  Isolated Secondary Synchronous Rectifier Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1698IS Datasheet(HTML) 5 Page - Linear Technology

  LTC1698IS Datasheet HTML 1Page - Linear Technology LTC1698IS Datasheet HTML 2Page - Linear Technology LTC1698IS Datasheet HTML 3Page - Linear Technology LTC1698IS Datasheet HTML 4Page - Linear Technology LTC1698IS Datasheet HTML 5Page - Linear Technology LTC1698IS Datasheet HTML 6Page - Linear Technology LTC1698IS Datasheet HTML 7Page - Linear Technology LTC1698IS Datasheet HTML 8Page - Linear Technology LTC1698IS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
LTC1698
1698f
TYPICAL PERFOR A CE CHARACTERISTICS
VAUX vs Temperature
VAUX vs Line Voltage
VAUX vs Load Current
VAUX Short-Circuit Current
vs Temperature
VAUX Short-Circuit Current
vs VDD
Opto Driver Load Regulation
Opto Driver Short-Circuit Current
vs Temperature
TEMPERATURE (
°C)
–50
3.300
3.383
150
1698 G10
3.218
3.135
0
50
100
–25
25
75
125
3.465
3.259
3.341
3.176
3.424
VDD = 8V
ILOAD = 0mA
VDD (V)
5
3.300
3.383
14
1698 G11
3.218
3.135
78
10
12
6
9
11
13
3.465
3.259
3.341
3.176
3.424
VDD = 8V
ILOAD = 0mA
LOAD CURRENT (mA)
0
3.300
3.383
10
9
1698 G12
3.218
3.135
23
5
7
1
4
6
8
3.465
3.259
3.341
3.176
3.424
VDD = 8V
TA = 25°C
TEMPERATURE (
°C)
–50
–20
–10
0
25
75
150
1698 G13
–30
–40
–50
–25
0
50
100 125
VDD = 8V
VDD (V)
5
–20
–10
0
810
14
1698 G14
–30
–40
–50
67
9
11
12
13
TA = 25°C
LOAD CURRENT (mA)
0
3.006
3.018
3.030
8
1698 G15
2.994
2.982
3.000
3.012
3.024
2.988
2.976
2.970
0.2
0.6
1.0
–0.2
–0.6
0
0.4
0.8
–0.4
–0.8
–1.0
2
1
4
3
67
9
5
10
VDD = 8V
TA = 25°C
TEMPERATURE (
°C)
–50
–30
–20
150
1698 G16
–40
–50
0
50
100
–25
25
75
125
–10
–35
–25
–45
–15
VDD = 8V
VOPTODRV = 1.233V
Maximum OPTO Driver Output
Voltage vs Load Current
Maximum OPTO Driver Output
Voltage vs Temperature
LOAD CURRENT (mA)
0
4
6
8
1698 G22
2
0
2
4
5
10
8
6
1
3
9
7
VDD = 10V
VDD = 8V
VDD = 7V
VDD = 6V
VDD = 5V
TA = 25°C
VCOMP = 0V
TEMPERATURE (
°C)
–50
0
2
4
6
8
–25
0
25
50
1698 G23
75
100 125 150
VDD = 10V
VDD = 8V
VDD = 6V
VDD = 5V
VCOMP = 0V
IOPTODRV = –10mA
VDD = 7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com