Electronic Components Datasheet Search
  English  ▼

X  

2903313 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2903313
Description  Relay Module - RIF-2-RPT-LV-24AC/2X21
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2903313 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2903313 Datasheet HTML 1Page - PHOENIX CONTACT 2903313 Datasheet HTML 2Page - PHOENIX CONTACT 2903313 Datasheet HTML 3Page - PHOENIX CONTACT 2903313 Datasheet HTML 4Page - PHOENIX CONTACT 2903313 Datasheet HTML 5Page - PHOENIX CONTACT 2903313 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/us/products/2903313
3/7/14   Page 1 / 6
Relay Module - RIF-2-RPT-LV-24AC/2X21 - 2903313
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in
display/suppressor module, and retaining bracket. Contact type: 2 PDTs. Input voltage: 24 V AC
The figure shows the 24 V DC
version
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
110.0 GRM
Custom tariff number
85364110
Country of origin
Germany
Technical data
Dimensions
Width
31 mm
Height
96 mm
Depth
75 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 50 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Coil side
Nominal input voltage UN
24 V AC
Input voltage range in reference to UN
(see diagram)
Nominal input current at UIN
70 mA
Typical response time
5 ms ... 15 ms
Typical release time range
5 ms ... 20 ms
Operating voltage display
Yellow LED


Similar Part No. - 2903313

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2903310 PHOENIX-2903310 Datasheet
115Kb / 6P
Relay Module - RIF-2-RPT-LV-230AC/2X21
2903311 PHOENIX-2903311 Datasheet
115Kb / 6P
Relay Module - RIF-2-RPT-LV-120AC/2X21
2903312 PHOENIX-2903312 Datasheet
103Kb / 5P
Solid-state relays - ST-OV3- 5DC/220DC/1
2903315 PHOENIX-2903315 Datasheet
115Kb / 6P
Relay Module - RIF-2-RPT-LDP-24DC/2X21
2903316 PHOENIX-2903316 Datasheet
634Kb / 18P
Relay Module - RIF-2-RSC-LV-230AC/4X21
10/27/2021
More results

Similar Description - 2903313

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2903306 PHOENIX-2903306 Datasheet
115Kb / 6P
Relay Module - RIF-2-RPT-LV-24AC/4X21
2903310 PHOENIX-2903310 Datasheet
115Kb / 6P
Relay Module - RIF-2-RPT-LV-230AC/2X21
2903311 PHOENIX-2903311 Datasheet
115Kb / 6P
Relay Module - RIF-2-RPT-LV-120AC/2X21
2903323 PHOENIX-2903323 Datasheet
127Kb / 6P
Relay Module - RIF-2-RSC-LV-24AC/2X21
2903329 PHOENIX-2903329 Datasheet
116Kb / 6P
Relay Module - RIF-1-RPT-LV-24AC/2X21AU
2903332 PHOENIX-2903332 Datasheet
116Kb / 6P
Relay Module - RIF-1-RPT-LV-120AC/2X21
2903333 PHOENIX-2903333 Datasheet
116Kb / 6P
Relay Module - RIF-1-RPT-LV-24AC/2X21
2903337 PHOENIX-2903337 Datasheet
107Kb / 6P
Relay Module - RIF-1-RPT-LV-24AC/1X21AU
2903341 PHOENIX-2903341 Datasheet
118Kb / 6P
Relay Module - RIF-1-RPT-LV-24AC/1X21
2903349 PHOENIX-2903349 Datasheet
128Kb / 6P
Relay Module - RIF-1-RSC-LV-24AC/2X21
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com