Electronic Components Datasheet Search
  English  ▼

X  

AFE7769 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7769
Description  AFE7769 Quad-Channel RF Transceiver With Feedback Path
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE7769 Datasheet(HTML) 8 Page - Texas Instruments

  AFE7769 Datasheet HTML 1Page - Texas Instruments AFE7769 Datasheet HTML 2Page - Texas Instruments AFE7769 Datasheet HTML 3Page - Texas Instruments AFE7769 Datasheet HTML 4Page - Texas Instruments AFE7769 Datasheet HTML 5Page - Texas Instruments AFE7769 Datasheet HTML 6Page - Texas Instruments AFE7769 Datasheet HTML 7Page - Texas Instruments AFE7769 Datasheet HTML 8Page - Texas Instruments AFE7769 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(0.8)
TYP
(0.8) TYP
(
) TYP
0.4
FCBGA - 2.65 mm max height
ABJ0400A
BALL GRID ARRAY
4221311/A 04/2014
NOTES: (continued)
4. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release.
SYMM
SYMM
SOLDER PASTE EXAMPLE
BASED ON 0.15 mm THICK STENCIL
SCALE:6X
1
20
A
Y
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com