Electronic Components Datasheet Search
  English  ▼

X  

2903333 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2903333
Description  Relay Module - RIF-1-RPT-LV-24AC/2X21
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2903333 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2903333 Datasheet HTML 1Page - PHOENIX CONTACT 2903333 Datasheet HTML 2Page - PHOENIX CONTACT 2903333 Datasheet HTML 3Page - PHOENIX CONTACT 2903333 Datasheet HTML 4Page - PHOENIX CONTACT 2903333 Datasheet HTML 5Page - PHOENIX CONTACT 2903333 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/us/products/2903333
3/7/14   Page 2 / 6
Relay Module - RIF-1-RPT-LV-24AC/2X21 - 2903333
Technical data
Coil side
Protective circuit
Varistor
Contact side
Contact type
2 PDT
Contact material
AgNi
Maximum switching voltage
250 V AC/DC
Minimum switching voltage
5 V (at 10 mA)
Maximum inrush current
12 A (20 ms, N/O contact)
Min. switching current
10 mA (At 5 V)
Limiting continuous current
8 A (see diagram)
Interrupting rating (ohmic load) max.
192 W (at 24 V DC)
96 W (at 48 V DC)
60 W (at 60 V DC)
44 W (at 110 V DC)
57 W (at 220 V DC)
2000 VA (for 250 V AC)
Switching capacity in acc. with DIN VDE 0660/IEC 60947
2 A (24 V (DC13))
3 A (230 V (AC 15))
Connection data
Connection method
Push-in connection
Conductor cross section solid min.
0.14 mm²
Conductor cross section solid max.
1.5 mm²
Conductor cross section stranded min.
0.14 mm²
Conductor cross section stranded max.
1.5 mm²
Conductor cross section stranded, with ferrule with plastic sleeve min.
0.14 mm²
Conductor cross section stranded, with ferrule with plastic sleeve max.
1.5 mm²
Conductor cross section stranded, with ferrule without plastic sleeve min.
0.14 mm²
Conductor cross section stranded, with ferrule without plastic sleeve max. 1.5 mm²
Conductor cross section AWG/kcmil min.
26
Conductor cross section AWG/kcmil max
16
Stripping length
8 mm
General
Type of note
Notes on operation
Note
FBS 2-6... plug-in bridge for the input side (A2) and FBS-2-8... plug-in
bridge for the output side (11/21)
Test voltage relay winding/relay contact
4 kVrms (50 Hz, 1 min.)
Test voltage PDT/PDT
2.5 kVrms (50 Hz, 1 min.)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com