Electronic Components Datasheet Search
  English  ▼

X  

TMP461 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMP461
Description  TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP461 Datasheet(HTML) 5 Page - Texas Instruments

  TMP461 Datasheet HTML 1Page - Texas Instruments TMP461 Datasheet HTML 2Page - Texas Instruments TMP461 Datasheet HTML 3Page - Texas Instruments TMP461 Datasheet HTML 4Page - Texas Instruments TMP461 Datasheet HTML 5Page - Texas Instruments TMP461 Datasheet HTML 6Page - Texas Instruments TMP461 Datasheet HTML 7Page - Texas Instruments TMP461 Datasheet HTML 8Page - Texas Instruments TMP461 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
5
TMP461
www.ti.com
SBOS722B – JUNE 2015 – REVISED AUGUST 2016
Product Folder Links: TMP461
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.5 Electrical Characteristics
At TA = –40°C to 125°C and V+ = 1.7 V to 3.6 V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE MEASUREMENT
TALOCAL
Local temperature sensor accuracy
TA = –10°C to 100°C, V+ = 1.7 V to 3.6 V
-1
±0.125
+1
°C
TA = –40°C to 125°C, V+ = 1.7 V to 3.6 V
-1.25
±0.5
+1.25
TAREMOTE
Remote temperature sensor accuracy
TA = 0°C to 100°C, TD = –55°C to 150°C,
V+ = 1.7 V to 3.6 V
-0.75
±0.125
+ 0.75
°C
TA = –40°C to 125°C, TD = –55°C to 150°C,
V+ = 1.7 V to 3.6 V
-1.5
±0.5
+1.5
Temperature sensor error versus supply
(local or remote)
V+ = 1.7 V to 3.6 V
-0.25
±0.1
+0.25
°C/V
Temperature resolution
(local and remote)
0.0625
°C
ADC conversion time
One-shot mode, per channel (local or remote)
15
17
ms
ADC resolution
12
Bits
Remote sensor
source current
High
Series resistance 1 k
Ω (max)
88
120
152
µA
Medium
33
45
57
Low
5.5
7.5
9.5
η
Remote transistor ideality factor
TMP461 optimized ideality factor
1.008
SERIAL INTERFACE
VIH
High-level input voltage
1.4
V
VIL
Low-level input voltage
0.45
V
Hysteresis
200
mV
SDA output-low sink current
6
mA
VOL
Low-level output voltage
IO = –6 mA
0.15
0.4
V
Serial bus input leakage current
0 V
≤ VIN ≤ 3.6 V
–1
1
μA
Serial bus input capacitance
SCL
3
6
pF
SDA
4.6
9
pF
Serial bus clock frequency
0.001
2.17
MHz
Serial bus timeout
20
25
30
ms
DIGITAL INPUTS (A0, A1)
VIH
High-level input voltage
0.9(V+)
(V+) + 0.3
V
VIL
Low-level input voltage
–0.3
0.1(V+)
V
Input leakage current
0 V
≤ VIN ≤ 3.6 V
–1
1
μA
Input capacitance
2.5
5
pF
DIGITAL OUTPUTS (THERM, ALERT/THERM2)
Output-low sink current
6
mA
VOL
Low-level output voltage
IO = –6 mA
0.15
0.4
V
IOH
High-level output leakage current
VO = V+
1
μA
POWER SUPPLY
V+
Specified supply voltage range
1.7
3.6
V
IQ
Quiescent current
Active conversion, local sensor
240
375
µA
Active conversion, remote sensor
400
600
Standby mode (between conversions)
15
35
Shutdown mode, serial bus inactive
3
8
Shutdown mode, serial bus active, fS = 400 kHz
90
Shutdown mode, serial bus active, fS = 2.17 MHz
350
POR
Power-on reset threshold
Rising edge
1.2
1.55
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com