Electronic Components Datasheet Search
  English  ▼

X  

SP721AB Datasheet(PDF) 4 Page - Harris Corporation

Part # SP721AB
Description  ELECTRONIC PROTECTION ARRAY FOR ESD AND OVER-VOLTAGE PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

SP721AB Datasheet(HTML) 4 Page - Harris Corporation

  SP721AB Datasheet HTML 1Page - Harris Corporation SP721AB Datasheet HTML 2Page - Harris Corporation SP721AB Datasheet HTML 3Page - Harris Corporation SP721AB Datasheet HTML 4Page - Harris Corporation SP721AB Datasheet HTML 5Page - Harris Corporation SP721AB Datasheet HTML 6Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
6-12
Peak Transient Current Capability of the SP721
The peak transient current capability rises sharply as the
width of the current pulse narrows. Destructive testing was
done to fully evaluate the SP721’s ability to withstand a wide
range of peak current pulses vs time. The circuit used to
generate current pulses is shown in Figure 5.
The test circuit of Figure 5 is shown with a positive pulse
input. For a negative pulse input, the (-) current pulse input
goes to an SP721 ‘IN’ input pin and the (+) current pulse
input goes to the SP721 V- pin. The V+ to V- supply of the
SP721 must be allowed to float. (i.e., It is not tied to the
ground reference of the current pulse generator.) Figure 6
shows the point of overstress as defined by increased
leakage in excess of the data sheet published limits.
The maximum peak input current capability is dependent on
the ambient temperature, improving as the temperature is
reduced. Peak current curves are shown for ambient
temperatures of 25oC and 105oC and a 15V power supply
condition. The safe operating range of the transient peak
current should be limited to no more than 75% of the
measured overstress level for any given pulse width as
shown in the curves of Figure 6.
Note that adjacent input pins of the SP721 may be
paralleled to improve current (and ESD) capability. The
sustained peak current capability is increased to nearly
twice that of a single pin.
+
-
VOLTAGE
PROBE
+
-
R1 ~ 10Ω TYPICAL
VX
VX ADJ. 10V/A TYPICAL
R1
(-)
(+)
C1 ~ 100
µF
C1
VARIABLE TIME DURATION
CURRENT PULSE GENERATOR
1
2
3
4
8
7
6
5
V+
IN
IN
IN
IN
IN
IN
V-
SP721
CURRENT
SENSE
FIGURE 5. TYPICAL SP721 PEAK CURRENT TEST CIRCUIT
WITH A VARIABLE PULSE WIDTH INPUT
0.001
0.01
0.1
1
PULSE WIDTH TIME (ms)
10
7
6
5
4
3
2
1
0
TA = 105
oC
100
1000
CAUTION: SAFE OPERATING CONDITIONS LIMIT
OF THE VALUES SHOWN ON EACH CURVE.
PULSE WIDTH TO BE NO GREATER THAN 75%
THE MAXIMUM PEAK CURRENT FOR A GIVEN
V+ TO V- SUPPLY = 15V
TA = 25
oC
FIGURE 6. SP721 TYPICAL SINGLE PULSE PEAK CURRENT CURVES SHOWING THE MEASURED POINT OF OVERSTRESS IN
AMPERES vs PULSE WIDTH TIME IN MILLISECONDS
SP721



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com