Electronic Components Datasheet Search
  English  ▼

X  

SN74AS136D Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AS136D
Description  QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES WITH OPEN-COLLECTOR OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AS136D Datasheet(HTML) 1 Page - Texas Instruments

  SN74AS136D Datasheet HTML 1Page - Texas Instruments SN74AS136D Datasheet HTML 2Page - Texas Instruments SN74AS136D Datasheet HTML 3Page - Texas Instruments SN74AS136D Datasheet HTML 4Page - Texas Instruments SN74AS136D Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SN54ALS136, SN54AS136, SN74ALS136, SN74AS136
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
WITH OPEN-COLLECTOR OUTPUTS
SDAS162 – MARCH 1984–REVISED OCTOBER 1988
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Copyright
© 1991, Texas Instruments Incorporated
1
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard
warranty. Production processing does not necessarily include testing of all
parameters.
• Package Options include Plastic “Small
Outline” Packages, Ceramic Chip Carriers,
and Standard Plastic and Ceramic 300-mil
DIPs
• Dependable Texas Instruments Quality and
Reliability
description
These
devices
contain
four
independent
Exclusive-OR gates with open-collector outputs.
They
perform
the
Boolean
functions
Y = A
⊕ B = AB + AB in positive logic.
A common application is a true/complement
element. If one of the inputs is low, the other input
will be reproduced in true form at the output. If one
of the inputs is high, the signal on the other input
will be reproduced inverted at the output.
The SN54ALS136 and SN54AS136 are charac-
terized for operation over the full military
temperature range of –55
°C to 125°C. The
SN74ALS136 and SN74AS136 are characterized
for operation from 0
°C to 70°C.
logic symbol†
11
=1
8
6
3
4B
3B
2B
1B
4A
3A
2A
1A
4Y
3Y
2Y
1Y
1
2
4
5
9
10
12
13
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
Pin numbers shown are for D, J, and N packages.
SN54ALS136, SN54AS136 ...J PACKAGE
SN74ALS136, SN74AS136 ...D OR N PACKAGE
(TOP VIEW)
SN54ALS136, SN54AS136 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
FUNCTION TABLE
(each gate)
OUTPUT
INPUTS
AB
Y
LL
L
L
L
L
H
H
HH
H
H
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B


Similar Part No. - SN74AS136D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS136D TI1-SN74AS136D Datasheet
57Kb / 5P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES WITH OPEN-COLLECTOR OUTPUTS
More results

Similar Description - SN74AS136D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54136 TI-SN54136 Datasheet
190Kb / 5P
QUADRUPLE 2-INPUT EXCLUSIVE OR GATES WITH OPEN-COLLECTOR OUTPUTS
SN54LS266 TI-SN54LS266 Datasheet
465Kb / 9P
QUADRUPLE 2-INPUT EXCLUSIVE-NOR GATES WITH OPEN-COLLECTOR OUTPUTS
logo
Hitachi Semiconductor
HD74LS136 HITACHI-HD74LS136 Datasheet
45Kb / 5P
Quadruple 2-input Exclusive-OR Gates(with open collector outputs)
HD74LS266 HITACHI-HD74LS266 Datasheet
46Kb / 5P
Quadruple 2-input Exclusive-NOR Gates(with open collector outputs)
logo
Texas Instruments
SN54LS266 TI-SN54LS266_07 Datasheet
610Kb / 12P
QUADRUPLE 2-INPUT EXCLUSIVE-NOR GATES WITH OPEN-COLLECTOR OUTPUTS
logo
Renesas Technology Corp
HD74LS136 RENESAS-HD74LS136 Datasheet
60Kb / 4P
Quadruple 2-Input Exclusive-OR Gates (with open collector outputs)
HD74LS266 RENESAS-HD74LS266 Datasheet
146Kb / 4P
Quadruple 2-input Exclusive-NOR Gates (with open collector outputs)
logo
Texas Instruments
SN74ALS811 TI1-SN74ALS811 Datasheet
80Kb / 5P
QUADRUPLE 2-INPUT EXCLUSIVE-NOR GATES WITH OPEN-COLLECTOR OUTPUTS
SN74LS266J TI-SN74LS266J Datasheet
483Kb / 11P
QUADRUPLE 2-INPUT EXCLUSIVE-NOR GATES WITH OPEN-COLLECTOR OUTPUTS
SN54ALS136 TI1-SN54ALS136_08 Datasheet
57Kb / 5P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES WITH OPEN-COLLECTOR OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com