Electronic Components Datasheet Search
  English  ▼

X  

LM317M Datasheet(PDF) 3 Page - ON Semiconductor

Part # LM317M
Description  Three-Terminal Adjustable Output Positive Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317M Datasheet(HTML) 3 Page - ON Semiconductor

  LM317M Datasheet HTML 1Page - ON Semiconductor LM317M Datasheet HTML 2Page - ON Semiconductor LM317M Datasheet HTML 3Page - ON Semiconductor LM317M Datasheet HTML 4Page - ON Semiconductor LM317M Datasheet HTML 5Page - ON Semiconductor LM317M Datasheet HTML 6Page - ON Semiconductor LM317M Datasheet HTML 7Page - ON Semiconductor LM317M Datasheet HTML 8Page - ON Semiconductor LM317M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LM317M
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VI − VO = 5.0 V; IO = 0.1 A, TJ = Tlow to Thigh (Note 2), unless otherwise noted.)
LM317M / LM317MB
Characteristics
Figure
Symbol
Min
Typ
Max
Unit
Line Regulation (Note 3) (TA = 25°C, 3.0 V ≤ VI − VO ≤ 40 V)
3
Regline
−
0.01
0.04
%/V
Load Regulation (Note 3)
TA = 25°C, 10 mA ≤ IO ≤ 0.5 A
VO ≤ 5.0 V
VO ≥ 5.0 V
4
Regload
−
−
5.0
0.1
25
0.5
mV
% VO
Adjustment Pin Current
5
IAdj
−
50
100
mA
Adjustment Pin Current Change
2.5 V
≤ VI − VO ≤ 40 V, 10 mA ≤ IL ≤ 0.5 A, PD ≤ Pmax
3, 4
DIAdj
−
0.2
5.0
mA
Reference Voltage
3.0 V
≤ VI − VO ≤ 40 V, 10 mA ≤ IL ≤ 0.5 A, PD ≤ Pmax
5
Vref
1.200
1.250
1.300
V
Line Regulation (Note 3)
3.0 V
≤ VI−VO ≤ 40 V
3
Regline
−
0.02
0.07
%/V
Load Regulation (Note 3)
10 mA
≤ IO ≤ 0.5 A
VO ≤ 5.0 V
VO ≥ 5.0 V
4
Regload
−
−
20
0.3
70
1.5
mV
% VO
Temperature Stability (Tlow ≤ TJ ≤ Thigh)
5
TS
−
0.7
−
% VO
Minimum Load Current to Maintain Regulation (VI − VO = 40 V)
5
ILmin
−
3.5
10
mA
Maximum Output Current
VI − VO ≤ 15 V, PD ≤ Pmax
VI − VO = 40 V, PD ≤ Pmax, TA = 25°C
5
Imax
0.5
0.15
0.9
0.25
−
−
A
RMS Noise, % of VO (TA = 25°C, 10 Hz ≤ f ≤ 10 kHz)
−
N
−
0.003
−
% VO
Ripple Rejection, VO = 10 V, f = 120 Hz (Note 4)
Without CAdj
CAdj = 10 mF
6
RR
−
66
65
80
−
−
dB
Long−Term Stability, TJ = Thigh (Note 5)
TA= 25°C for End−point Measurements
5
S
−
0.3
1.0
%/1.0
kHrs.
2. Tlow to Thigh = 0° to +125°C for LM317M
Tlow to Thigh = − 40° to +125°C for LM317MB.
3. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.
4. CAdj, when used, is connected between the adjustment pin and ground.
5. Since Long−Term Stability cannot be measured on each device before shipment, this specification is an engineering estimate of average
stability from lot−to−lot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com