Electronic Components Datasheet Search
  English  ▼

X  

QS30LP Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # QS30LP
Description  QS30 Series Sensor(DC Voltage)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

QS30LP Datasheet(HTML) 1 Page - Banner Engineering Corp.

  QS30LP Datasheet HTML 1Page - Banner Engineering Corp. QS30LP Datasheet HTML 2Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet
To view or download the latest technical information about this product, including specifications,
dimensions, accessories, and wiring, see
www.bannerengineering.com. Search for Instruction Manual p/n
119165.
WARNING: Not To Be Used for Personnel Protection
Never use this device as a sensing device for personnel protection. Doing so could lead to serious injury or death. This device
does not include the self-checking redundant circuitry necessary to allow its use in personnel safety applications. A sensor
failure or malfunction can cause either an energized or de-energized sensor output condition.
Models
Model 1
Sensing Mode
Beam
Range 2
Output
QS30E (emitter)
Opposed
875 nm Infrared
60 m (200 ft)
N/A
QS30R (receiver)
Effective Beam: 18 mm (0.7 in)
Bipolar NPN/PNP
QS30LP
Polarized Retroreflective
630 nm Visible Red
8 m (26 ft)
QS30LV
Retroreflective
12 m (40 ft)
QS30D
Diffuse
940 nm Infrared
1 m (3.3 ft)
QS30FF200
Fixed Field
680 nm Visible Red
200 mm (8 in)
QS30FF400
400 mm (16 in)
QS30FF600
600 mm (24 in)
Wiring Diagrams
Cabled Emitters
Other Cabled Models
Key
10-30V dc
–
+
1
3
1
3
2
4
5
+
10–30 V dc
–
Load
Load
LO/DO Select
1. Brown
2. White
3. Blue
4. Black
5. Gray
Cabled wiring diagrams are shown. Quick disconnect (QD) wiring diagrams are functionally identical.
1 Only standard 2 m (6.5 ft) cabled models are listed.
•
To order the 9 m (30 ft) integral cable model, add suffix “W/30” to the model number (for example, QS30E W/30).
•
To order the 5-pin integral M12/Euro-style quick disconnect (QD), add suffix “Q” (for example, QS30EQ).
2 Polarized Retroreflective and Retroreflective ranges are specified using a model BRT-84 retroreflector.
WORLD-BEAM® QS30 Series Sensor (DC
Voltage)
Original Document
119167 Rev. C
20 February 2018
119167


Similar Part No. - QS30LP

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
QS30LD BANNER-QS30LD Datasheet
583Kb / 12P
WORLD-BEAM® QS30 Diffuse-Mode Laser Sensor
Rev. E
QS30LDL BANNER-QS30LDL Datasheet
583Kb / 12P
WORLD-BEAM® QS30 Diffuse-Mode Laser Sensor
Rev. E
QS30LDLQ BANNER-QS30LDLQ Datasheet
583Kb / 12P
WORLD-BEAM® QS30 Diffuse-Mode Laser Sensor
Rev. E
QS30LDQ BANNER-QS30LDQ Datasheet
583Kb / 12P
WORLD-BEAM® QS30 Diffuse-Mode Laser Sensor
Rev. E
More results

Similar Description - QS30LP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1310-2A-24.5 MACOM-1310-2A-24.5 Datasheet
321Kb / 1P
1310 Series DC Voltage Level Sensor, Relay Output
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C87AT AVAGO-ACPL-C87AT Datasheet
1Mb / 14P
Automotive High Precision DC Voltage Isolation Sensor
logo
List of Unclassifed Man...
SM312CV ETC2-SM312CV Datasheet
607Kb / 6P
MINI-BEAM dc-Voltage Series
SM312LVMHS ETC2-SM312LVMHS Datasheet
607Kb / 6P
MINI-BEAM dc-Voltage Series
logo
Broadcom Corporation.
ACPL-C87AT BOARDCOM-ACPL-C87AT Datasheet
1Mb / 16P
Automotive High Precision DC Voltage Isolation Sensor
logo
Banner Engineering Corp...
Q40 BANNER-Q40 Datasheet
318Kb / 6P
Q40 Sensors: dc-Voltage Series
SMA31E BANNER-SMA31E Datasheet
549Kb / 8P
AC Voltage Series Sensor
SM31E BANNER-SM31E Datasheet
582Kb / 10P
DC Voltage Series
logo
MultiDimension Technolo...
TMR7903-B MULTIDIMENSION-TMR7903-B Datasheet
525Kb / 4P
B Series AC Voltage Switch Sensor
Ver 1.2
logo
List of Unclassifed Man...
SM312CV-V01 ETC-SM312CV-V01 Datasheet
1Mb / 14P
MINI-BEAM® DC Voltage Series Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com