Electronic Components Datasheet Search
  English  ▼

X  

SE61RMHS Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # SE61RMHS
Description  Laser Diode Emitter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SE61RMHS Datasheet(HTML) 2 Page - Banner Engineering Corp.

  SE61RMHS Datasheet HTML 1Page - Banner Engineering Corp. SE61RMHS Datasheet HTML 2Page - Banner Engineering Corp. SE61RMHS Datasheet HTML 3Page - Banner Engineering Corp. SE61RMHS Datasheet HTML 4Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3. Check the device alignment.
4. Tighten the mounting screws to secure the device (or the device and the bracket) in the aligned position.
Wiring Diagrams
4
10-30V dc
Beam
Attenuator
–
+
1
3
Key
1 = Brown
2 = White
3 = Blue
4 = Black
Note: Quick disconnect wiring diagrams are functionally identical.
Alignment
The beam size listed in
Figure 1 on page 2 is also the effective beam size at the receiver. The effective beam is equal to the minimum opaque
object profile required to block the light beam. The beam size at the emitter is 2.5 mm (0.1 in) diameter.
Sensing Distance = X
Approx.
0.5mrad = 0.029°
Approx. 2.5 mm
W = 2.5 mm + 2X(tan.0029º) = 2.5 mm + X(0.001)
W
Laser Emitter
Opposed Distance (X)
Beam Width (W)
1.5 m (5 ft)
4 mm (0.2 in)
3.0 m (10 ft)
5.5 mm (0.2 in)
6.1 m (20 ft)
8.5 mm (0.3 in)
15 m (50 ft)
18 mm (0.7 in)
30 m (100 ft)
32 mm (1.3 in)
Figure 1. Laser emitter beam divergence at 25 °C (beam size vs. distance)
The effect of angular misalignment is dramatic (see
Figure 2 on page 2). Laser emitters require the beam center to directly strike the receiver lens.
Figure 2 on page 2 shows how far the laser beam will miss the center of the receiver lens for each degree of angular misalignment. Note that even
at only a 1.5 m (5 ft) range, one degree of misalignment causes the laser beam to miss the lens of most receivers.
Tip: The visible red beam of the laser emitter is easily seen in subdued lighting. At opposed distances of up to 3 m (10 ft),
attach a sheet of white paper directly in front of the receiver lens. Mark the location of the lens center on the paper; use the
mark as an aiming target. Sight along the beam from directly behind the laser emitter. Adjust the emitter mounting until the red
image (the dot of red light) is centered exactly on the mark. Remove the paper and check the response of the receiver.
Sensing Distance = X
Ø = Misalignment Angle
Y = X(tan Ø)
Laser Emitter
Y
Opposed Distance (X)
Beam Displacement (Y) of 1° of
Misalignment
1.5 m (5 ft)
4 mm (0.2 in)
3.0 m (10 ft)
50 mm (2 in)
6.1 m (20 ft)
100 mm (4 in)
15 m (50 ft)
250 mm (10 in)
30 m (100 ft)
500 mm (20 in)
Figure 2. Beam Displacement per degree of misalignment
For longer distances (up to 7.6 m [25 ft]), replace the white paper with a 100 mm (4 in) × 100 mm (4 in) square of high-grade retroreflective tape
(Banner model BRT-THG-4X4-5 or equivalent; see
Figure 3 on page 3). For greater distances, use a larger sheet of retroreflective material.
Note: Never use a mirror as an alignment target.
S186ELD(Q) Laser Diode Emitter
2
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 35749 Rev. E



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com