Electronic Components Datasheet Search
  English  ▼

X  

LM337M Datasheet(PDF) 6 Page - ON Semiconductor

Part # LM337M
Description  MEDIUM CURRENT THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM337M Datasheet(HTML) 6 Page - ON Semiconductor

  LM337M Datasheet HTML 1Page - ON Semiconductor LM337M Datasheet HTML 2Page - ON Semiconductor LM337M Datasheet HTML 3Page - ON Semiconductor LM337M Datasheet HTML 4Page - ON Semiconductor LM337M Datasheet HTML 5Page - ON Semiconductor LM337M Datasheet HTML 6Page - ON Semiconductor LM337M Datasheet HTML 7Page - ON Semiconductor LM337M Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LM337M
6
MOTOROLA ANALOG IC DEVICE DATA
Figure 11. Ripple Rejection versus Output Voltage
Figure 12. Ripple Rejection versus Output Current
Figure 13. Ripple Rejection versus Frequency
Figure 14. Output Impedance
Figure 15. Line Transient Response
Figure 16. Load Transient Reponse
0
–5
–10
–15
–20
–25
–30
–35
–40
VO, OUTPUT VOLTAGE (V)
CAdj = 10 µF
Vin – Vout = 5.0 V
IL = 500 mA
f = 120 Hz
TJ = 25°C
Without CAdj
0.01
0.1
1.0
10
IO, OUTPUT CURRENT (A)
Without CAdj
CAdj = 10 µF
Vin = –15 V
Vout = –10 V
f = 120 Hz
TJ = 25°C
10
100
1.0 k
10 k
100 k
1.0 M
10 M
f, FREQUENCY (Hz)
CAdj = 10 µF
Without CAdj
Vin = –15 V
Vout = –10 V
IL = 500 mA
TJ = 25°C
10
100
1.0 k
10 k
100 k
1 M
f, FREQUENCY (Hz)
Without CAdj
CAdj = 10µF
Vin = –15 V
Vout = –10 V
IL = 500 mA
CL = 1.0 µF
TJ = 25°C
010
20
30
40
t, TIME (
µs)
010
20
30
40
t, TIME (
µs)
Without CAdj
CAdj = 10 µF
Vout = –10 V
IL = 50 mA
TJ = 25°C
CL = 1.0 µF
Vin = –15 V
Vout = –10 V
INL = 50 mA
TJ = 25°C
CL = 1.0 µF
Without CAdj
CAdj = 10 µF
100
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
0
20
101
100
10–1
10–2
10–3
0.8
0.6
0.4
0.2
0
–0.2
–0.4
0
–0.5
–1.0
–0.5
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
0
–1.0
–1.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com