Electronic Components Datasheet Search
  English  ▼

X  

AP436SA Datasheet(PDF) 4 Page - Anachip Corp

Part # AP436SA
Description  Synchronous Rectifier MOSFET Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP436SA Datasheet(HTML) 4 Page - Anachip Corp

  AP436SA Datasheet HTML 1Page - Anachip Corp AP436SA Datasheet HTML 2Page - Anachip Corp AP436SA Datasheet HTML 3Page - Anachip Corp AP436SA Datasheet HTML 4Page - Anachip Corp AP436SA Datasheet HTML 5Page - Anachip Corp AP436SA Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AP436
Synchronous Rectifier MOSFET Driver
Anachip Corp.
www.anachip.com.tw
Rev.1.0 Oct 4, 2005
4/6
Typical Application Circuit
(
1)
S
D
SYSTEM
OUTPUT
G
IRF
Z44N
1N5819
220u
with
0.1u
AP436
GND
GND
GND
GND
BEAD
1N4148
1N4148
+
-
+
-
V
OUT
V
DC
V
CC
V
R
(
2)
S
D
SYSTEM
OUTPUT
G
IRF
Z44N
1N5819
BEAD
1N4148
1N4148
+
-
+
-
220u
with
0.1u
AP436
GND
GND
GND
GND
V
OUT
V
DC
V
CC
V
R
Marking Information
(1)
SOP-8L
( Top View )
Logo
Part Number
ID code: internal
Year: "01" =2001
"02" =2002
Xth week: 01~52
1
4
8
5
AP436
YY WW X
(2)
SOT89-5L
12
3
4
5
XX Y M
XX : Identification code
(See Appendix)
Y : Year: 0-9
M : Month: A~L
(Top View)
Appendix
Part Number
Package
Identification Code
AP436
SOT89-5L
FM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com