Electronic Components Datasheet Search
  English  ▼

X  

WA02B Datasheet(PDF) 4 Page - WALSIN TECHNOLOGY CORPORATION

Part # WA02B
Description  Higher component and equipment reliability
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WA02B Datasheet(HTML) 4 Page - WALSIN TECHNOLOGY CORPORATION

  WA02B Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WA02B Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WA02B Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WA02B Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WA02B Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WA02B Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WA02B Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Approval sheet
Page 4 of 7
ASC_WA02B_V02
Jan - 2013
MARKING
No marking for WA02B chip resistors array
FUNCTIONAL DESCRIPTION
Product characterization
Standard values of nominal resistance are taken from the E24 series for resistors with a tolerance of
±5%,
±1%. The values of the E24 series are in accordance with “IEC publication 60063”
Derating
The power that the resistor can dissipate depends on the operating temperature; see Fig.2
Figure 2. Maximum dissipation in percentage of rated power
As a function of the ambient temperature
CONSTRUCTION
R1=R2
MOUNTING
Due to their rectangular shapes and small tolerances, Surface Mountable Resistors are suitable for handling by
automatic placement systems.
Chip placement can be on ceramic substrates and printed-circuit boards (PCBs).
Electrical connection to the circuit is by individual soldering condition.
The end terminations guarantee a reliable contact.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com