Electronic Components Datasheet Search
  English  ▼

X  

WA04P Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # WA04P
Description  Mounting occupation area reduction
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WA04P Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  WA04P Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WA04P Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WA04P Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WA04P Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WA04P Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WA04P Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Approval sheet
Page 2 of 6
ASC_WA04P_V14
Feb. 2012
FEATURE
1.
Unbalanced
π type attenuator circuit in one chip (1.0mm x 1.0mm)
2.
Mounting occupation area reduction
3.
Mounting assembly cost saving
APPLICATION
•
Attenuation, level control, impedance matching of high frequency signals of communication equipment;
•
Mobile phone (GSM, CDMA, PDC, etc,…)
•
Telecom
DESCRIPTION
The attenuator is constructed in a high grade ceramic body (aluminum oxide). Internal circuit is applied to the top
surface of the substrate, and its design determines the required attenuation value. The attenuation layer is
covered with a protective coating and a rectangular marker indicates input pin1 as shown in circuit configuration.
Fig 1. Outline of WA04P Chip attenuator
CIRCUIT CONFIGURATION



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com