Electronic Components Datasheet Search
  English  ▼

X  

M12 Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # M12
Description  M12 Class 1 Laser Emitter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

M12 Datasheet(HTML) 2 Page - Banner Engineering Corp.

  M12 Datasheet HTML 1Page - Banner Engineering Corp. M12 Datasheet HTML 2Page - Banner Engineering Corp. M12 Datasheet HTML 3Page - Banner Engineering Corp. M12 Datasheet HTML 4Page - Banner Engineering Corp. M12 Datasheet HTML 5Page - Banner Engineering Corp. M12 Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
• A black-anodized aluminum block with holes drilled for mounting in any of 3 directions with plastic set screws
• An adjustable stainless steel bracket with 3 spring-loaded screws (2 of the screws are used for precise alignment)
The mounting block, model SMB127, can be ordered separately.
Figure 1. Three Possible M12 Orientations
1. Insert the laser emitter into the SMB127 mounting block, through any of the three holes.
2. Make sure that the label area of the emitter is not aligned with a set screw.
3. Tighten the set screws, using the supplied 3/64-in Allen wrench, so that the emitter is held snugly in place.
4. Mount the block to the adjustable baseplate (or to your own bracket).
5. Mount the bracket base using your own M5 or #10 screws or bolts.
6. Check for alignment (see Alignment).
7. Tighten or loosen one or two of the precision alignment screws, using the supplied 2 mm Allen wrench, until the laser is
accurately aligned.
Wiring
Quick disconnect (QD) wiring diagrams are functionally identical.
10-30V dc
Beam
Enable
1
–
+
3
4
Key
1 = Brown
3 = Blue
4 = Black
Alignment
M12 laser emitters have a beam divergence of only 0.03° (0.5 milliradians) at 25 °C (77 °F) ambient temperature (see Figure 2 on page
2). This translates, for example, to a beam diameter of only 8 mm (0.3 in) at a distance of 6.1 m ( 20 ft). Consequently, there is very
little forgiveness for angular misalignment.
Sensing Distance = X
Approx.
0.5mrad = 0.029º
Approx. 2 mm
W = 2 mm + 2X(tan.0029º) = 2 mm + X(0.001)
W
Laser Emitter
Opposed Distance (X)
Beam Width (W)
1.5 m (5 ft)
3.5 mm (0.14 in)
3 m (10 ft)
5 mm (0.2 in)
6 m (20 ft)
8 mm (0.3 in)
15 m (50 ft)
17 mm (0.7 in)
30 m (100 ft)
32 mm (1.3 in)
Figure 2. M12 laser emitter beam divergence at 25 °C (beam size vs. distance)
M12 Class 1 Laser Emitter
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 53808 Rev. C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com