Electronic Components Datasheet Search
  English  ▼

X  

WF10A103JTL Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # WF10A103JTL
Description  Higher component and equipment reliability
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WF10A103JTL Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  WF10A103JTL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WF10A103JTL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WF10A103JTL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WF10A103JTL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WF10A103JTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WF10A103JTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WF10A103JTL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Approval sheet
Page 3 of 7
ASC_WF10A_V02
MAY - 2016
QUICK REFERENCE DATA
Item
General Specification
Series No.
WF10A
Size code
1210 ( 3225 )
Resistance Tolerance
5%, 1%, 0.5%
Resistance Range
1
 ~ 1M
TCR (ppm/
C)
-55
C ~ +155C
1%, 0.5% (E24+E96):
1 ~ 49.9
: -200 ~ +500ppm/C
51 ~ 1M
:   100 ppm/C
5% (E24):
1 ~ 47
: -200 ~ +500ppm/C
51 ~ 1M
:   200 ppm/C
Max. dissipation at Tamb=70C
3/4 W
Max. Rated voltage
200V
Max. Overload voltage
400V
Climatic category (IEC 60068)
-55 ~ +155
’C
Basic specification
JIS C 5201-1 : 1998
Note :
1.
This is the maximum voltage that may be continuously supplied to the resistor element, see “IEC publication
60115-
8”
2.
Max. Operation Voltage : So called RCWV (Rated Continuous Working Voltage) is determined by
Value
Resistance
Power
Rated
RCWV
or Max. RCWV listed above, whichever is lower.
DIMENSIONS(unit : mm)
Part No
WF10A
L
3.10
 0.15
W
2.50
 0.15
t
0.55
 0.15
Tt
0.45
 0.25
Tb
0.50
 0.25
1202



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com