Electronic Components Datasheet Search
  English  ▼

X  

Q45AD9 Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # Q45AD9
Description  Q45AD9 NAMUR Series Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q45AD9 Datasheet(HTML) 4 Page - Banner Engineering Corp.

  Q45AD9 Datasheet HTML 1Page - Banner Engineering Corp. Q45AD9 Datasheet HTML 2Page - Banner Engineering Corp. Q45AD9 Datasheet HTML 3Page - Banner Engineering Corp. Q45AD9 Datasheet HTML 4Page - Banner Engineering Corp. Q45AD9 Datasheet HTML 5Page - Banner Engineering Corp. Q45AD9 Datasheet HTML 6Page - Banner Engineering Corp. Q45AD9 Datasheet HTML 7Page - Banner Engineering Corp. Q45AD9 Datasheet HTML 8Page - Banner Engineering Corp. Q45AD9 Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
• Intrinsic safety ground, if required for the Associated Apparatus, shall be less than 1 ohm.
• Maximum connector torque: 6 ft-lbs.
Wiring Connections
Q45AD9 Series NUMAR sensors are intrinsically safe ONLY when used with certified intrinsically safe switching amplifiers and barriers
(Approved Apparatus) with intrinsically safe circuits. Banner does not manufacture such devices; however, our applications engineers
can refer you to suppliers of certified devices that will interface with Banner sensors.
The user is responsible for proper installation and maintenance of this equipment, and must conform with the certification
requirements relating to barriers and to maximum allowable capacitance and inductance of the field wiring. If in doubt about these
requirements, our applications engineers can refer you to the appropriate authority.
NAMUR Sensors with Attached Cable
NAMUR Sensors with Quick-Disconnect
NAMUR Sensor
Hazardous Area
≤ 15 V dc
Power
Output
Sensor
Input
Non-hazardous Area
Approved Apparatus
br
bu
+
–
+
–
NAMUR Sensor
Hazardous Area
1
≤ 15 V dc
Power
Output
Sensor
Input
Non-hazardous Area
Approved Apparatus
2
br
bu
3
4
+
–
+
–
Specifications for Q45 NAMUR Sensors
Supply Voltage and Current
5 to 15 V dc. Supply voltage is provided by the amplifier to which the sensor is
connected.
Adjustments
Multi-turn sensitivity control on top of sensor, beneath a transparent o-ring
sealed cover, allows precise sensitivity setting (turn clockwise to increase gain).
Output
Constant current output: ≤ 1.2 mA in the “dark” condition and ≥ 2.1 mA in the
“light” condition
Output Response Time
Opposed mode receiver: 2 milliseconds on/0.4 milliseconds off. All others 5
milliseconds on/off (does not include amplifier response)
Construction
Molded thermoplastic polyester housing, o-ring sealed transparent Lexan® top
cover, molded acrylic lenses, and stainless steel hardware. Q45s are designed
to withstand 1200 psi washdown. The base of cabled models has a 1/2-inch
NPS integral internal conduit thread. 1
Environmental Rating
Banner tested to NEMA 6P, IEC IP67
Application Note
Special Conditions for Safe Use: Parts of the enclosure are non-conducting and
may generate an ignition-capable level of ESD. Cleaning of the equipment must
be done only with a damp cloth.
Indicators
Indicator LEDs are highly visible, located beneath a raised transparent dome on
top of the sensor.
POWER (red) LED (emitters only) lights whenever 5 to 15 V dc power is applied
SIGNAL (red) LED lights whenever the sensor sees its modulated light source
Connections
PVC-jacketed 2 m (6.5 ft) or 9 m (30 ft) cables, or 4-pin Euro-style quick-
disconnect (QD) fitting are available. QD cables are ordered separately. See
Accessories.
Operating Conditions
Temperature: −40 °C to +70 °C (−40 °F to +158 °F)
Maximum relative humidity: 90% at 50 °C (non-condensing)
Certifications
IEC IECEx FMG 14.0029X
ATEX FM12ATEX0094X
FM CoC 0003046293 (US)
FM CoC 0003046293C (CAN)
Design Standards
ATEX (European)
EN 60079-0, EN 60079-11 and EN 60079-26
Canada
CAN/CSA C22.2: No.0-M91, No.142-M1987, No.157-92, No.213-M1987, No.1010.1, E60079-0 and E60079-11
United States
FM Class 3600, 3610, and 3810; ANSI/ISA 61010-1 (82.02.01), 60079-0 and 60079-11
IECEx
IEC 60079-0, IEC 60079-11
1 Lexan® is a registered trademark of General Electric Co.
Q45AD9 NAMUR Series Sensor
4
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 38343 Rev. K



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com