Electronic Components Datasheet Search
  English  ▼

X  

T30AD9 Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # T30AD9
Description  T30AD9 NAMUR Series Fixed-Field Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

T30AD9 Datasheet(HTML) 4 Page - Banner Engineering Corp.

  T30AD9 Datasheet HTML 1Page - Banner Engineering Corp. T30AD9 Datasheet HTML 2Page - Banner Engineering Corp. T30AD9 Datasheet HTML 3Page - Banner Engineering Corp. T30AD9 Datasheet HTML 4Page - Banner Engineering Corp. T30AD9 Datasheet HTML 5Page - Banner Engineering Corp. T30AD9 Datasheet HTML 6Page - Banner Engineering Corp. T30AD9 Datasheet HTML 7Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
An object beyond the cutoff distance, either stationary (and when positioned as shown in
Figure 5 on page 4), or moving past
the face of the sensor in a direction perpendicular to the sensing axis, may cause unwanted triggering of the sensor if more light is
reflected to the near detector than to the far detector. Correct the problem by rotating the sensor 90° (
Figure 6 on page 4). The
object then reflects the R1 and R2 fields equally, resulting in no false triggering. A better solution, if possible, may be to reposition
the object or the sensor.
E = Emitter
R1 = Near Detector
R2 = Far Detector
R2
R1
E
Fixed
Sensing
Field
Strong
Direct
Reflection
to R1
Core of
Emitted
Beam
Cutoff
Distance
Reflective
Background
T30FF
Figure 3. Reflective Background - Problem
E = Emitter
R1 = Near Detector
R2 = Far Detector
R2
R1
E
Fixed Sensing Field
Strong Direct
Reflection
Away
From Sensor
Core of
Emitted
Beam
Cutoff
Distance
Reflective
Background
T30FF
Figure 4. Reflective Background - Solution
Fixed
Sensing
Field
Cutoff
Distance
R1 = Near Detector
R2 = Far Detector
E = Emitter
T30FF
R1
E
R2
Reflective
Background
or
Moving Object
A reflective background object in this position or moving across the sensor
face in this axis and direction may cause a false sensor response.
Figure 5. Object Beyond Cutoff - Problem
E
= Emitter
R2 = Far Detector
R1 = Near Detector
T30FF
E, R2, R1
Fixed
Sensing
Field
Cutoff
Distance
Reflective
Background
or
Moving Object
A reflective background object in this position or moving across the sensor
face in this axis is ignored.
Figure 6. Object Beyond Cutoff - Solution
Color Sensitivity
The effects of object reflectivity on cutoff distance, though small, may be important for some applications. It is expected that at any
given cutoff setting, the actual cutoff distance for lower reflectance targets is slightly shorter than for higher reflectance targets.
This behavior is known as color sensitivity.
For example, an excess gain of 1 for an object that reflects 1/10 as much light as the 90% white card is represented by the
horizontal graph line at excess gain = 10. An object of this reflectivity results in a far limit cutoff of approximately 130 mm (5.1 in)
cutoff model, for example; and 130 mm represents the cutoff for this sensor and target.
These excess gain curves were generated using a white test card of 90% reflectance. Objects with reflectivity of less than 90%
reflect less light back to the sensor, and thus require proportionately more excess gain in order to be sensed with the same
reliability as more reflective objects. When sensing an object of very low reflectivity, it may be especially important to sense it at or
near the distance of maximum excess gain.
T30AD9 NAMUR Series Fixed-Field Sensor
4
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 41685 Rev. F



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com