Electronic Components Datasheet Search
  English  ▼

X  

VS2 Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # VS2
Description  VS2 Convergent Mode Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

VS2 Datasheet(HTML) 2 Page - Banner Engineering Corp.

  VS2 Datasheet HTML 1Page - Banner Engineering Corp. VS2 Datasheet HTML 2Page - Banner Engineering Corp. VS2 Datasheet HTML 3Page - Banner Engineering Corp. VS2 Datasheet HTML 4Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Wiring Diagrams
NPN
10-30 V dc
–
+
3
1
4
Load
PNP
10-30 V dc
–
+
3
1
4
Load
Specifications
Supply Voltage and Current
10 V dc to 30 V dc (10% max. ripple) at less than 25 mA (exclusive of load)
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Output Configuration
SPST solid-state switch
Choose NPN or PNP models
Choose light operate or dark operate models
Output Rating
50 mA maximum
Off-state leakage current: < 1 microamp at 24 V dc
On-state saturation voltage: < 0.25 V at 10 mA dc; < 0.5 V at 50 mA dc
Output Protection Circuitry
Protected against output short-circuit, continuous overload, and false pulse on
power-up
Overload trip point ≥ 100 mA
Output Response Time
1 millisecond ON and OFF
Note: 150 millisecond delay maximum on power-
up: output does not conduct during this time
Repeatability
160 microseconds
Indicators
Two LEDs: Green and Amber
Green ON = power to sensor is ON
Green flashing = output overload
Amber ON = light is sensed
Construction
Black ABS housing with acrylic lens
Connections
2 m (6.5 in)PVC integral cable: three #28 ga stranded conductors with PE
insulation; 150 mm (6 in) PVC cable with a 3-pin M8/Pico-style male quick
disconnect (QD). Quick disconnect cables are ordered separately.
Environmental Rating
IEC IP67; NEMA 6
Operating Conditions
–20 °C to +55 °C (–4 °F to +131°F)
80% at +50 °C maximum relative humidity (non-condensing)
Vibration and Mechanical Shock Vibration and Mechanical Shock
Vibration: All models meet IEC 60068-2-6, IEC 60947-5-2, UL491 Section 40,
MIL-STD-202F Method 201A; 10 to 60 Hz, 0.5 mm peak to peak
Shock: All models meet IEC 60068-2-27, IEC 60947-5-2; 30g peak acceleration,
11 millisecond pulse duration, half-sine wave pulse shape
Application Notes
M2 stainless steel mounting hardware included. Optional mounting brackets
are available.
Certifications
Dimensions
CL
2x ø2.2 mm
(0.09")
3.6 mm
(0.14")
4.7 mm
(0.19")
2.0 mm
(0.08")
8.0 mm
(0.31")
Green Power
Indicator
Amber
Signal Indicator
(Receiver only)
12.0 mm
(0.47")
4.8 mm
(0.19")
25.1 mm
(0.99")
VS2CV30
21.2 mm
(0.84")
VS2CV15
20.6 mm
(0.81")
10.9 mm
(0.43")
VS2 Convergent Mode Sensor
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 65411 Rev. B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com