Electronic Components Datasheet Search
  English  ▼

X  

VSM Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # VSM
Description  VSM Series Micro Sensors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

VSM Datasheet(HTML) 2 Page - Banner Engineering Corp.

  VSM Datasheet HTML 1Page - Banner Engineering Corp. VSM Datasheet HTML 2Page - Banner Engineering Corp. VSM Datasheet HTML 3Page - Banner Engineering Corp. VSM Datasheet HTML 4Page - Banner Engineering Corp. VSM Datasheet HTML 5Page - Banner Engineering Corp. VSM Datasheet HTML 6Page - Banner Engineering Corp. VSM Datasheet HTML 7Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Housing Style: 5 mm Threaded Barrel
NPN Models
PNP Models
Sensing Mode
Range2
Output
Type
Connection
VSM56E Emitter
OPPOSED
250 mm (9.84 in)
—
2 m (6.6 ft)
VSM56EQ7 Emitter
3-Pin Pico QD
VSM5RN6R
VSM5RP6R
DO
2 m (6.6 ft)
VSM5RN6RQ7
VSM5RP6RQ7
3-Pin Pico QD
VSM5AN6CV10
VSM5AP6CV10
DIFFUSE
10 to 30 mm (0.39 to 1.18 in)
typical
LO
2 m (6.6 ft)
VSM5AN6CV10Q7
VSM5AP6CV10Q7
3-Pin Pico QD
VSM5AN6CV20
VSM5AP6CV20
20 to 50 mm (0.79 to 1.97 in)
typical
2 m (6.6 ft)
VSM5AN6CV20Q7
VSM5AP6CV20Q7
3-Pin Pico QD
VSM5AN6CV50
VSM5AP6CV50
50 to 140 mm (1.97 to 5.51 in)
typical
2 m (6.6 ft)
VSM5AN6CV50Q7
VSM5AP6CV50Q7
3-Pin Pico QD
Housing Style: Flat-Pack Side-Looker
NPN Models
PNP Models
Sensing Mode
Range2
Output Type
Connection
VSMQAN6CV20
VSMQAP6CV20
DIFFUSE
20 to 50 mm (0.79 to 1.97 in)
typical
LO
2 m (6.6 ft)
VSMQAN6CV50
VSMQAP6CV50
50 to 140 mm (1.97 to 5.51 in)
typical
VSMQAN6CV90
VSMQAP6CV90
90 to 200 mm (3.54 to 7.87 in)
typical
2 Application Note: These sensors have a specified minimum detection range on a 90% reflectivity diffuse white card, but the maximum detection
range varies with target reflectivity, target angle, and sensor tolerance. If reliable background suppression is required in your application, please
contact Banner Engineering to specify a fixed-field or adjustable field sensor with background suppression technology.
VSM Series Micro Sensors
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 157367 Rev. F



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com