Electronic Components Datasheet Search
  English  ▼

X  

GL3224 Datasheet(PDF) 11 Page - GENESYS LOGIC

Part # GL3224
Description  USB 3.0 Dual/Single LUN Memory Card Reader Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL3224 Datasheet(HTML) 11 Page - GENESYS LOGIC

Back Button GL3224 Datasheet HTML 7Page - GENESYS LOGIC GL3224 Datasheet HTML 8Page - GENESYS LOGIC GL3224 Datasheet HTML 9Page - GENESYS LOGIC GL3224 Datasheet HTML 10Page - GENESYS LOGIC GL3224 Datasheet HTML 11Page - GENESYS LOGIC GL3224 Datasheet HTML 12Page - GENESYS LOGIC GL3224 Datasheet HTML 13Page - GENESYS LOGIC GL3224 Datasheet HTML 14Page - GENESYS LOGIC GL3224 Datasheet HTML 15Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
GL3224 Datasheet
© 2015 Genesys Logic, Inc. - All rights reserved.
Page 11
GLI Confidential
3.3 Pin Description
Table 3.1 - QFN48 Pin Description
Pin Name
QFN 48
Type
Description
Power/Ground
AVDD12
9
P
Analog 1.2V power source
AVDD33
6, 15
P
Analog 3.3V power source
DVDD12
26
P
Digital 1.2V power source
DVDD33
25, 34, 44
P
Digital 3.3V power source
VBUS
22
P
5V power source
VUHS_1
43
P
SD 3.0 IO PAD Power, the power source of this pin comes
from the internal regulator of GL3224 and no need of
external power input
VUHS_2
33
P
SD 3.0 IO PAD Power, the power source of this pin comes
from the internal regulator of GL3224 and no need of
external power input
S1M1_VCC
23
P
SD/MS card power
S2M2_VCC
24
P
SD/MS card power
GND
3, 12
P
Ground
USB PHY Interface
DP
5
A
USB 2.0 D+
DM
4
A
USB 2.0 D-
TXN
7
A
USB 3.0 TX-
TXP
8
A
USB 3.0 TX+
RXN
10
A
USB 3.0 RX-
RXP
11
A
USB 3.0 RX+
RTERM
16
A
USB reference resistor. This pin is used to control the level of
USB signal. A 680ohm, 1% resistor is recommended to be
laid between RTERM and GND
X1
13
I
25MHz x’TAL input. It can be connected to external 25MHz
clock input
X2
14
B
25MHz x’TAL output
Memory Card Interface
MS1_INS/SD1_WP
2
I, pu
SD write protect
0: write enable
1: write protection
MS insertion detect
0: Card insert
1: No card



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com