Electronic Components Datasheet Search
  English  ▼

X  

MAX5945 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5945
Description  Quad Network Power Controller for Power-Over-LAN
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5945 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5945 Datasheet HTML 1Page - Maxim Integrated Products MAX5945 Datasheet HTML 2Page - Maxim Integrated Products MAX5945 Datasheet HTML 3Page - Maxim Integrated Products MAX5945 Datasheet HTML 4Page - Maxim Integrated Products MAX5945 Datasheet HTML 5Page - Maxim Integrated Products MAX5945 Datasheet HTML 6Page - Maxim Integrated Products MAX5945 Datasheet HTML 7Page - Maxim Integrated Products MAX5945 Datasheet HTML 8Page - Maxim Integrated Products MAX5945 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
Quad Network Power Controller
for Power-Over-LAN
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(AGND = +32V to +60V, VEE = 0V, VDD to DGND = +3.3V, all voltages are referenced to VEE, unless otherwise noted. Typical
values are at AGND = +48V, DGND = +48V, VDD = (DGND + 3.3V), TA = +25°C. Currents are positive when entering the pin and
negative otherwise.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
AC Load Disconnect
Threshold (Note 4)
IACTH
Current into DET_, ACD_EN_ bit = high,
OSC_IN = 2.2V
300
325
350
µA
Oscillator Buffer Gain
AOSC
VDET_ / VOSC_IN, ACD_EN_ bit = high,
CDET = 400nF
2.92
2.98
3.04
V/V
OSC_IN Fail Threshold
(Note 5)
VOSC_FAIL
Port will not power on if VOSC_IN < VOSC_FAIL and
ACD_EN_ bit = high
1.8
1.9
2.1
V
OSC_IN Input Resistance
ZOSC
OSC_IN input impedance when all the ACD_EN_
are active
100
k
Ω
OSC_IN Input Capacitance
COSC_IN
5pF
Load Disconnect Timer
tDISC
Time from VSENSE < VDCTH or current into DET_
< IACTH to gate shutdown (Note 6)
300
400
ms
DETECTION
Detection Probe Voltage
(First Phase)
VDPH1
VAGND - VDET_ during the first detection phase
3.8
4
4.2
V
Detection Probe Voltage
(Second Phase)
VDPH2
VAGND - VDET_ during the second detection
phase
9.0
9.3
9.6
V
Current-Limit Protection
IDLIM
VDET_ = VAGND, during detection, measure
current through DET_
1.5
1.75
2.0
mA
Short-Circuit Threshold
VDCP
If VAGND - VOUT < VDCP after the first detection
phase a short circuit to AGND is detected
1.62
V
Open-Circuit Threshold
ID_OPEN
First point measurement current threshold for
open condition
12.5
µA
Resistor Detection Window
RDOK
(Note 7)
18.6
26.5
k
Ω
Detection rejects lower values
16
Resistor Rejection Window
RDBAD
Detection rejects higher values
30
k
Ω
CLASSIFICATION
Classification Probe Voltage
VCL
VAGND - VDET_ during classification
16
20
V
Current-Limit Protection
IClLIM
VDET_ = VAGND, during classification,
measure current through DET_
50
75
mA
Class 0, class 1
5.5
6.5
7.5
Class 1, class 2
13.5
14.5
15.5
Class 2, class 3
21.5
23
24.5
Class 3, class 4
31
33
35
Classification Current
Thresholds
ICL
Classification current
thresholds between
classes
>Class 4
45
48
51
mA
DIGITAL INPUTS/OUTPUTS (REFERRED to DGND)
Digital Input Low
VIL
0.9
V
Digital Input High
VIH
2.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com