Electronic Components Datasheet Search
  English  ▼

X  

WF10P3742FTL Datasheet(PDF) 1 Page - WALSIN TECHNOLOGY CORPORATION

Part # WF10P3742FTL
Description  High power rating and compact size
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WF10P3742FTL Datasheet(HTML) 1 Page - WALSIN TECHNOLOGY CORPORATION

  WF10P3742FTL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WF10P3742FTL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WF10P3742FTL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WF10P3742FTL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WF10P3742FTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WF10P3742FTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WF10P3742FTL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WF10P3742FTL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WF10P3742FTL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Approval sheet
Page 1 of 9
ASC_WFxxP_V03
MAR - 2017
WF25P, WF20P, WF10P, WF12P, WF08P,
WF06P, WF04P
5%, 1%, 0.5%, 0.1% 1Ω ~ 10MΩ
Thick Film High Power Chip Resistors
Size 2512 2W, 2010 1W, 1210 1/2W,
1206 1/2W, 0805 1/4W, 0603 1/8W, 0402 1/8W
*Contents in this sheet are subject to change without prior notice.


Similar Part No. - WF10P3742FTL

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
WF10P WALSIN-WF10P Datasheet
620Kb / 9P
R oHS compliant and Lead free products
WF10P1002FTLJ WALSIN-WF10P1002FTLJ Datasheet
271Kb / 9P
Automotive grade AEC Q-200 compliant
WF10P1002JTLJ WALSIN-WF10P1002JTLJ Datasheet
271Kb / 9P
Automotive grade AEC Q-200 compliant
WF10P1002PTLJ WALSIN-WF10P1002PTLJ Datasheet
271Kb / 9P
Automotive grade AEC Q-200 compliant
WF10P102BEL WALSIN-WF10P102BEL Datasheet
620Kb / 9P
R oHS compliant and Lead free products
More results

Similar Description - WF10P3742FTL

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
MK06S WALSIN-MK06S Datasheet
269Kb / 7P
Power rating and compact size
MR18X WALSIN-MR18X Datasheet
418Kb / 7P
High power rating and compact size
WF25A WALSIN-WF25A Datasheet
388Kb / 7P
Ultra high power rating and compact size
WF25H WALSIN-WF25H Datasheet
186Kb / 7P
High power rating and compact size
WF25S WALSIN-WF25S Datasheet
237Kb / 7P
Power rating and compact size
WK12L WALSIN-WK12L Datasheet
478Kb / 8P
High power rating and compact size
WK25S WALSIN-WK25S Datasheet
263Kb / 7P
High power rating and compact size
WK25S_J WALSIN-WK25S_J Datasheet
267Kb / 7P
Power rating and compact size
logo
Bel Fuse Inc.
LDW120 BEL-LDW120 Datasheet
564Kb / 4P
High efficiency and compact size
LDW240 BEL-LDW240 Datasheet
550Kb / 4P
High efficiency and compact size
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com