Electronic Components Datasheet Search
  English  ▼

X  

WF04P102JTL Datasheet(PDF) 9 Page - WALSIN TECHNOLOGY CORPORATION

Part # WF04P102JTL
Description  High power rating and compact size
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WF04P102JTL Datasheet(HTML) 9 Page - WALSIN TECHNOLOGY CORPORATION

  WF04P102JTL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WF04P102JTL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WF04P102JTL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WF04P102JTL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WF04P102JTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WF04P102JTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WF04P102JTL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WF04P102JTL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WF04P102JTL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Approval sheet
Page 9 of 9
ASC_WFxxP_V03
MAR - 2017
(unit : mm)
Reel / Tape
A
B
C
D
7” reel for 12mm tape
178.0±2.0
60.0±1.0
13.0±0.2
12.4±1.0
7” reel for 8mm tape
9.0±0.5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com