Electronic Components Datasheet Search
  English  ▼

X  

WF10H Datasheet(PDF) 6 Page - WALSIN TECHNOLOGY CORPORATION

Part # WF10H
Description  Higher component and equipment reliability
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WF10H Datasheet(HTML) 6 Page - WALSIN TECHNOLOGY CORPORATION

  WF10H Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WF10H Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WF10H Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WF10H Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WF10H Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WF10H Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WF10H Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Approval sheet
Page 6 of 7
ASC_WF10H_V01
Jan.2010
TEST
PROCEDURE
REQUIREMENT
Load life (endurance)
Clause 4.25
70±2ºC, 1000 hours, loaded with RCWV or Vmax,1.5 hours
on and 0.5 hours off
∆R/R max. ± (3%+0.1Ω)
Load life in Humidity
Clause 4.24
1000 hours, at rated continuous working voltage in humidity
chamber
controller
at 40
°C±2°C and 90~95% relative
humidity, 1.5hours on and 0.5 hours off
∆R/R max. ± (3%+0.1Ω)
Bending strength
Clause 4.33
Resistors mounted on a 90mm glass epoxy resin PCB(FR4);
bending : 3 mm, once for 10 seconds
∆R/R max. ±(1%+0.05Ω)
Adhesion
Clause 4.32
Pressurizing force: 5N, Test time: 10±1sec.
No remarkable damage or
removal of the terminations
Insulation Resistance
Clause 4.6
Apply the maximum overload voltage (DC) for 1minute
R≧10GΩ
Dielectric Withstand
Voltage
Clause 4.7
Apply the maximum overload voltage (AC) for 1 minute
No breakdown or flashover



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com