Electronic Components Datasheet Search
  English  ▼

X  

WF10P1002JTLJ Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # WF10P1002JTLJ
Description  Automotive grade AEC Q-200 compliant
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WF10P1002JTLJ Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  WF10P1002JTLJ Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WF10P1002JTLJ Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WF10P1002JTLJ Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WF10P1002JTLJ Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WF10P1002JTLJ Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WF10P1002JTLJ Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WF10P1002JTLJ Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WF10P1002JTLJ Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WF10P1002JTLJ Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Approval sheet
Page 3 of 8
ASC_WFxxP_J_V03
DEC 2016
QUICK REFERENCE DATA
Item
General Specification
Series No.
WF06P
WF08P
WF12P
WF10P
WF20P
WF25P
Size code
0603 (1608)
0805 (2012)
1206 (3216)
1210 (3225)
2010 (5025)
2512 (6432)
Resistance Tolerance
±1%, ±5%
Resistance Range
0 ,1 ~ 1M
Ω (E96+E24 series)
TCR (ppm/
°C) 20°C ~ +155°C
10.2
Ω ~ 1MΩ
1
~ 10
TCR (ppm/
°C) 20°C ~ - 55°C
10.2
Ω ~ 1MΩ
1
~ 10
≤ ± 100
≤ ± 100
≤ ± 100
≤ ± 150
≤ ± 100
≤ ± 100
≤ ± 100
≤ ± 150
≤ ± 100
≤ ± 100
≤ ± 200
≤ ± 100
≤ ± 200
≤ ± 100
Max. dissipation at
Tamb=70
°C
1/8 W
1/4 W
1/2W
1/2W
1W
2W
Max. Operation Voltage
50V
150V
200V
200V
200V
300V
Max. Overload Voltage
100V
300V
400V
400V
400V
500V
Operation temperature
-55 ~ +155’C
Note :
1.
This is the maximum voltage that may be continuously supplied to the resistor element, see “IEC publication
60115-8”
2.
Max. Operation Voltage : So called RCWV (Rated Continuous Working Voltage) is determined by
Value
Resistance
Power
Rated
RCWV
×
=
or Max. RCWV listed above, whichever is lower.
DIMENSIONS (unit : mm)
Part No
WF06P
WF08P
WF12P
WF10P
WF20P
WF25P
L
1.60
± 0.10
2.00
± 0.10
3.10
± 0.15
3.10
± 0.10
5.00
± 0.20
6.30
± 0.20
W
0.80
± 0.10
1.25
± 0.10
1.60
± 0.15
2.60
± 0.10
2.50
± 0.20
3.10
± 0.20
T
0.45
± 0.15
0.50
± 0.15
0.55
± 0.10
0.55
± 0.10
0.60
± 0.10
0.60
± 0.15
Tt
0.30
± 0.10
0.40
± 0.20
0.50
± 0.25
0.50
± 0.20
0.60
± 0.25
0.60
± 0.25
Tb
0.30
± 0.15
0.40
± 0.20
0.50
± 0.25
0.50
± 0.20
0.60
± 0.25
1.80
± 0.25



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com