Electronic Components Datasheet Search
  English  ▼

X  

WLSN032D Datasheet(PDF) 6 Page - WALSIN TECHNOLOGY CORPORATION

Part # WLSN032D
Description  SMD Unshielded Power Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WLSN032D Datasheet(HTML) 6 Page - WALSIN TECHNOLOGY CORPORATION

  WLSN032D Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WLSN032D Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WLSN032D Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WLSN032D Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WLSN032D Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WLSN032D Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Page 6 of 6
ASC_WLSN032D Series_V4.0
Nov. Y2017
Tape & Reel Packaging Dimensions:
Quantity per reel:0.5K pcs
A
B
C
G
N
P
T
W
t
A0
B0
K0
DIM.
180
50
13
12.5
80
8.0
18.5
12.0
0.35
3.30
3.70
2.50
TOL.
MAX
±0.8
+0.5-0.2
+2-0
MIN.
±0.1
MAX
±0.3
±0.1
±0.1
±0.1
±0.1
THE FORCE FOR TEARING OFF COVER TAPE IS 25
TO 100 GRAMS IN THE ARROW DIRECTION.
NO COMPONEN TS
390mmMIN
560mmM AX
CO MPONENTS
NO COMPONENTS
160mmMIN
USER DI RECT ION OF FE ED
COVER TAPE
█
█
█
█ CARRIER TAPE
REELS (mm)
█
█
█
█ DIMENSIONS OF CARRIER
TAPE (mm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com