Electronic Components Datasheet Search
  English  ▼

X  

WM07B Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # WM07B
Description  High Precision Thin Film MELF Resistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WM07B Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  WM07B Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WM07B Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WM07B Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WM07B Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WM07B Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WM07B Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WM07B Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WM07B Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WM07B Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Approval Sheet
Page 2 of 12
ASC_WMxxB&C
Aug - 2018
FEATURE
1.
SMD enabled structure thin film resistor
2.
High reliability and stability of
0.5% and below per customer request
3.
High precision of TCR: 50 & 25 ppm/ C and below per customer request
4.
Best in class pulse load capability
5.
RoHS compliant and lead free
6.
AEC-Q200 compliant
APPLICATION
Medical equipment
Measuring instrument
Communication device
Power / Meter Converter
DESCRIPTION
A uniform alloy film is deposited on a high grade ceramic body (Al2O3) and achieved the desired temperature coefficient by
annealing. Nickel plated termination caps are firmly attached on the ceramic body. It is achieved the target value by
smoothly cutting a helical groove in the resistive layer without damaging the ceramic body. The resistive film is covered by
a protective coating designed for electrical, mechanical and climatic protection. For environmental soldering issue, Nickel
plated terminations receive a final pure tin on it. Four color code rings designate the resistance value in accordance with
IEC 60062.
Fig 1. Construction of MELF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com