Electronic Components Datasheet Search
  English  ▼

X  

AM29DL640H55WHI Datasheet(PDF) 48 Page - Advanced Micro Devices

Part # AM29DL640H55WHI
Description  64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL640H55WHI Datasheet(HTML) 48 Page - Advanced Micro Devices

Back Button AM29DL640H55WHI Datasheet HTML 44Page - Advanced Micro Devices AM29DL640H55WHI Datasheet HTML 45Page - Advanced Micro Devices AM29DL640H55WHI Datasheet HTML 46Page - Advanced Micro Devices AM29DL640H55WHI Datasheet HTML 47Page - Advanced Micro Devices AM29DL640H55WHI Datasheet HTML 48Page - Advanced Micro Devices AM29DL640H55WHI Datasheet HTML 49Page - Advanced Micro Devices AM29DL640H55WHI Datasheet HTML 50Page - Advanced Micro Devices AM29DL640H55WHI Datasheet HTML 51Page - Advanced Micro Devices AM29DL640H55WHI Datasheet HTML 52Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 54 page
background image
46
Am29DL640H
February 9, 2005
AC CHARACTERISTICS
Alternate CE# Controlled Erase and Program Operations
Notes:
1. Not 100% tested.
2. See the “Erase And Programming Performance” section for more information.
Parameter
Speed Options
JEDEC
Std.
Description
55
60
70
90
Unit
t
AVAV
t
WC
Write Cycle Time (Note 1)
Min
55
55
70
90
ns
t
AVWL
t
AS
Address Setup Time
Min
0
ns
tELAX
tAH
Address Hold Time
Min
30
35
40
45
ns
tDVEH
tDS
Data Setup Time
Min
30
35
40
45
ns
tEHDX
tDH
Data Hold Time
Min
0
ns
t
GHEL
t
GHEL
Read Recovery Time Before Write
(OE# High to WE# Low)
Min
0
ns
tWLEL
tWS
WE# Setup Time
Min
0
ns
tEHWH
tWH
WE# Hold Time
Min
0
ns
tELEH
tCP
CE# Pulse Width
Min
25
25
40
45
ns
tEHEL
tCPH
CE# Pulse Width High
Min
25
25
30
ns
tWHWH1
tWHWH1
Programming Operation
(Note 2)
Byte
Typ
5
µs
Word
Typ
7
tWHWH1
tWHWH1
Accelerated Programming Operation,
Word or Byte (Note 2)
Typ
4
µs
t
WHWH2
t
WHWH2
Sector Erase Operation (Note 2)
Typ
0.4
sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com