Electronic Components Datasheet Search
  English  ▼

X  

AM29DL640H70WHI Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM29DL640H70WHI
Description  64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL640H70WHI Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM29DL640H70WHI Datasheet HTML 8Page - Advanced Micro Devices AM29DL640H70WHI Datasheet HTML 9Page - Advanced Micro Devices AM29DL640H70WHI Datasheet HTML 10Page - Advanced Micro Devices AM29DL640H70WHI Datasheet HTML 11Page - Advanced Micro Devices AM29DL640H70WHI Datasheet HTML 12Page - Advanced Micro Devices AM29DL640H70WHI Datasheet HTML 13Page - Advanced Micro Devices AM29DL640H70WHI Datasheet HTML 14Page - Advanced Micro Devices AM29DL640H70WHI Datasheet HTML 15Page - Advanced Micro Devices AM29DL640H70WHI Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
10
Am29DL640H
February 9, 2005
Automatic Sleep Mode
The automatic sleep mode minimizes Flash device en-
ergy consumption. The device automatically enables
this mode when addresses remain stable for t
ACC +
30 ns. The automatic sleep mode is independent of
the CE#, WE#, and OE# control signals. Standard ad-
dress access timings provide new data when ad-
dresses are changed. While in sleep mode, output
data is latched and always available to the system.
I
CC5 in the DC Characteristics table represents the
automatic sleep mode current specification.
RESET#: Hardware Reset Pin
The RESET# pin provides a hardware method of re-
setting the device to reading array data. When the RE-
SET# pin is driven low for at least a period of t
RP, the
device immediately ter minates any operation in
progress, tristates all output pins, and ignores all
read/write commands for the duration of the RESET#
pulse. The device also resets the internal state ma-
chine to reading array data. The operation that was in-
terrupted should be reinitiated once the device is
ready to accept another command sequence, to en-
sure data integrity.
Current is reduced for the duration of the RESET#
pulse. When RESET# is held at V
SS±0.3 V, the device
draws CMOS standby current (I
CC4). If RESET# is held
at V
IL but not within VSS±0.3 V, the standby current will
be greater.
The RESET# pin may be tied to the system reset cir-
cuitry. A system reset would thus also reset the Flash
memory, enabling the system to read the boot-up firm-
ware from the Flash memory.
If RESET# is asserted during a program or erase op-
eration, the RY/BY# pin remains a “0” (busy) until the
internal reset operation is complete, which requires a
time of t
READY (during Embedded Algorithms). The sys-
tem can thus monitor RY/BY# to determine whether
the reset operation is complete. If RESET# is asserted
when a program or erase operation is not executing
(RY/BY# pin is “1”), the reset operation is completed
within a time of t
READY (not during Embedded Algo-
rithms). The system can read data t
RH after the RE-
SET# pin returns to V
IH.
Refer to the AC Characteristics tables for RESET# pa-
rameters and to Figure 15 for the timing diagram.
Output Disable Mode
When the OE# input is at V
IH, output from the device is
disabled. The output pins are placed in the high
impedance state.
Table 2.
Am29DL640H Sector Architecture
Bank
Sector
Sector Address
A21–A12
Sector Size
(Kbytes/Kwords)
(x8)
Address Range
(x16)
Address Range
Bank 1
SA0
0000000000
8/4
000000h–001FFFh
00000h–00FFFh
SA1
0000000001
8/4
002000h–003FFFh
01000h–01FFFh
SA2
0000000010
8/4
004000h–005FFFh
02000h–02FFFh
SA3
0000000011
8/4
006000h–007FFFh
03000h–03FFFh
SA4
0000000100
8/4
008000h–009FFFh
04000h–04FFFh
SA5
0000000101
8/4
00A000h–00BFFFh
05000h–05FFFh
SA6
0000000110
8/4
00C000h–00DFFFh
06000h–06FFFh
SA7
0000000111
8/4
00E000h–00FFFFh
07000h–07FFFh
SA8
0000001xxx
64/32
010000h–01FFFFh
08000h–0FFFFh
SA9
0000010xxx
64/32
020000h–02FFFFh
10000h–17FFFh
SA10
0000011xxx
64/32
030000h–03FFFFh
18000h–1FFFFh
SA11
0000100xxx
64/32
040000h–04FFFFh
20000h–27FFFh
SA12
0000101xxx
64/32
050000h–05FFFFh
28000h–2FFFFh
SA13
0000110xxx
64/32
060000h–06FFFFh
30000h–37FFFh
SA14
0000111xxx
64/32
070000h–07FFFFh
38000h–3FFFFh
SA15
0001000xxx
64/32
080000h–08FFFFh
40000h–47FFFh
SA16
0001001xxx
64/32
090000h–09FFFFh
48000h–4FFFFh
SA17
0001010xxx
64/32
0A0000h–0AFFFFh
50000h–57FFFh
SA18
0001011xxx
64/32
0B0000h–0BFFFFh
58000h–5FFFFh
SA19
0001100xxx
64/32
0C0000h–0CFFFFh
60000h–67FFFh
SA20
0001101xxx
64/32
0D0000h–0DFFFFh
68000h–6FFFFh
SA21
0001110xxx
64/32
0E0000h–0EFFFFh
70000h–77FFFh
SA22
0001111xxx
64/32
0F0000h–0FFFFFh
78000h–7FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com