Electronic Components Datasheet Search
  English  ▼

X  

S18UBA Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # S18UBA
Description  Series Sensors with Discrete Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

S18UBA Datasheet(HTML) 4 Page - Banner Engineering Corp.

  S18UBA Datasheet HTML 1Page - Banner Engineering Corp. S18UBA Datasheet HTML 2Page - Banner Engineering Corp. S18UBA Datasheet HTML 3Page - Banner Engineering Corp. S18UBA Datasheet HTML 4Page - Banner Engineering Corp. S18UBA Datasheet HTML 5Page - Banner Engineering Corp. S18UBA Datasheet HTML 6Page - Banner Engineering Corp. S18UBA Datasheet HTML 7Page - Banner Engineering Corp. S18UBA Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Method
Action
Result
Push Button4
Press and hold the TEACH button
Output LED: On red
Power LED: On green (good signal) or On
red (no signal)
Remote Input5
No action required; the sensor is ready for the first
limit
2. Position the target for the center of the window. The Power LED must be On green.
3. Teach the limit.
Method
Action
Result
Push Button
Press the TEACH button one time.
Teach Accepted
Output LED: Flashing Red
Teach Not Accepted
Output LED: ON Red
Remote Input
Single-pulse the remote line.
T
4. Teach the limit a second time.
Method
Action
Result
Push Button
Without moving the target, press the TEACH button
one time.
Teach Accepted
Output LED: Yellow or OFF
Teach Not Accepted
Output LED: Flashing Red
Remote Input
Without moving the target, single-pulse the remote
line.
T
Normally Open/Normally Closed Operation Select
The sensor can be configured for either normally open or normally closed operation via the remote teach wire (gray). A series of three
pulses on the line will toggle between normally open and normally closed operation. Normally open is defined as the output energizing when
the target is present. Normally closed is defined as the output energizing when the target is absent. See Figure 2 on page 2 and Figure 3 on
page 3.
To toggle between normally open or normally closed operation, triple-pulse
T
T
T
T
T
the remote line. Either Normally Open or
Normally Closed operation is selected, depending on previous condition.
Lock the Buttons
Enable or disable the buttons to prevent unauthorized adjustment of the program settings.
To lock or unlock the buttons, four-pulse
T
T
T
T
T
T
T
the remote line. The buttons are enabled or disabled, depending on the
previous condition.
Installation
Principles of Operation
Ultrasonic sensors emit one or multiple pulses of ultrasonic energy, which travel through the air at the speed of sound. A portion of this
energy reflects off the target and travels back to the sensor. The sensor measures the total time required for the energy to reach the target
and return to the sensor. The distance to the object is then calculated using the following formula: D = ct ÷ 2
D = distance from the sensor to the target
c = speed of sound in air
t = transit time for the ultrasonic pulse
To improve accuracy, an ultrasonic sensor may average the results of several pulses before outputting a new value.
Temperature Effects
The speed of sound is dependent upon the composition, pressure and temperature of the gas in which it is traveling. For most ultrasonic
applications, the composition and pressure of the gas are relatively fixed, while the temperature may fluctuate.
In air, the speed of sound varies with temperature according to the following approximation:
In metric units:
Cm/s = 20 √273 + TC
In English units:
ft/s = 49 √460 + TF
C
4 0.04 s < “click” < 0.8 s
5 0.04 s < T < 0.8 s
U-GAGE™ S18U Series Sensors with Discrete Output
4
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 108964 Rev. C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com