Electronic Components Datasheet Search
  English  ▼

X  

AM29DL640H70EE Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # AM29DL640H70EE
Description  64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL640H70EE Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button AM29DL640H70EE Datasheet HTML 12Page - Advanced Micro Devices AM29DL640H70EE Datasheet HTML 13Page - Advanced Micro Devices AM29DL640H70EE Datasheet HTML 14Page - Advanced Micro Devices AM29DL640H70EE Datasheet HTML 15Page - Advanced Micro Devices AM29DL640H70EE Datasheet HTML 16Page - Advanced Micro Devices AM29DL640H70EE Datasheet HTML 17Page - Advanced Micro Devices AM29DL640H70EE Datasheet HTML 18Page - Advanced Micro Devices AM29DL640H70EE Datasheet HTML 19Page - Advanced Micro Devices AM29DL640H70EE Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
14
Am29DL640H
February 9, 2005
To access the autoselect codes in-system, the host
system can issue the autoselect command via the
command register, as shown in Table 12. This method
does not require V
ID. Refer to the Autoselect Com-
mand Sequence section for more information.
Table 5.
Am29DL640H Autoselect Codes, (High Voltage Method)
Legend: L = Logic Low = V
IL, H = Logic High = VIH, BA = Bank Address, SA = Sector Address, X = Don’t care.
Description
CE# OE# WE#
A21
to
A12
A11
to
A10
A9
A8
to
A7
A6
A5
to
A4
A3
A2
A1
A0
DQ15 to DQ8
DQ7
to
DQ0
BYTE#
= V
IH
BYTE#
= V
IL
Manufacturer ID:
AMD
LL
H
BA
X
V
ID
XLXL
L
L
L
X
X
01h
Read Cycle 1
LL
H
BA
X
V
ID
X
L
X
L
L
L
H
22h
X
7Eh
Read Cycle 2
L
H
H
H
L
22h
02h
Read Cycle 3
L
H
H
H
H
22h
01h
Sector Protection
Verification
LL
H
SA
X
V
ID
XLXL
L
H
L
X
X
01h (protected),
00h (unprotected)
Secured Silicon
Indicator Bit (DQ6,
DQ7)
LL
H
BA
X
V
ID
XLXL
L
H
H
X
X
81h (factory locked),
01h (customer and
factory locked)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com