Electronic Components Datasheet Search
  English  ▼

X  

CPD15 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CPD15
Description  500mA Glass Passivated Rectifier Chip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CPD15 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CPD15 Datasheet HTML 1Page - Central Semiconductor Corp CPD15 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Central
Semiconductor Corp.
TM
145 Adams Avenue
Hauppauge, NY 11788 USA
Tel: (631) 435-1110
Fax: (631) 435-1824
www.centralsemi.com
PROCESS
CPD15
Ultra Fast Rectifier
500mA Glass Passivated Rectifier Chip
PRINCIPAL DEVICE TYPES
CBRHDU-02 Series
GEOMETRY
PROCESS DETAILS
BACKSIDE CATHODE
R2 (19-September 2003)
Process
GLASS PASSIVATED MESA
Die Size
25 x 25 MILS
Die Thickness
9.5 MILS
Anode Bonding Pad Area
14.5 x 14.5 MILS
Top Side Metalization
Au - 5,000Å
Back Side Metalization
Au - 2,000Å
GROSS DIE PER 4 INCH WAFER
18,080


Similar Part No. - CPD15

ManufacturerPart #DatasheetDescription
logo
Shenzhen Codaca Electro...
CPD1521C CODACA-CPD1521C Datasheet
698Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD1521C-100M CODACA-CPD1521C-100M Datasheet
698Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD1521C-150M CODACA-CPD1521C-150M Datasheet
698Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD1521C-220M CODACA-CPD1521C-220M Datasheet
698Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD1521C-8R2M CODACA-CPD1521C-8R2M Datasheet
698Kb / 4P
Inductor for Digital AMP
07/14/2020
More results

Similar Description - CPD15

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM201-L FORMOSA-FM201-L Datasheet
69Kb / 2P
Chip Silicon Rectifier - Glass passivated type
FM4001-L FORMOSA-FM4001-L Datasheet
69Kb / 2P
Chip Silicon Rectifier - Glass passivated type
FM4002 FORMOSA-FM4002 Datasheet
21Kb / 1P
Chip Silicon Rectifier - Glass passivated type
FM4003 FORMOSA-FM4003 Datasheet
21Kb / 1P
Chip Silicon Rectifier - Glass passivated type
FM4004 FORMOSA-FM4004 Datasheet
21Kb / 1P
Chip Silicon Rectifier - Glass passivated type
FM4005 FORMOSA-FM4005 Datasheet
21Kb / 1P
Chip Silicon Rectifier - Glass passivated type
FM4006 FORMOSA-FM4006 Datasheet
21Kb / 1P
Chip Silicon Rectifier - Glass passivated type
FM4007 FORMOSA-FM4007 Datasheet
21Kb / 1P
Chip Silicon Rectifier - Glass passivated type
logo
Central Semiconductor C...
CPD04 CENTRAL-CPD04_10 Datasheet
461Kb / 2P
General Purpose Rectifier 500mA Glass Passivated Rectifier Chip
CPD69 CENTRAL-CPD69 Datasheet
405Kb / 2P
1 Amp Glass Passivated Rectifier Chip
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com