Electronic Components Datasheet Search
  English  ▼

X  

AM29DL640H55WHE Datasheet(PDF) 38 Page - Advanced Micro Devices

Part # AM29DL640H55WHE
Description  64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL640H55WHE Datasheet(HTML) 38 Page - Advanced Micro Devices

Back Button AM29DL640H55WHE Datasheet HTML 34Page - Advanced Micro Devices AM29DL640H55WHE Datasheet HTML 35Page - Advanced Micro Devices AM29DL640H55WHE Datasheet HTML 36Page - Advanced Micro Devices AM29DL640H55WHE Datasheet HTML 37Page - Advanced Micro Devices AM29DL640H55WHE Datasheet HTML 38Page - Advanced Micro Devices AM29DL640H55WHE Datasheet HTML 39Page - Advanced Micro Devices AM29DL640H55WHE Datasheet HTML 40Page - Advanced Micro Devices AM29DL640H55WHE Datasheet HTML 41Page - Advanced Micro Devices AM29DL640H55WHE Datasheet HTML 42Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
36
Am29DL640H
February 9, 2005
AC CHARACTERISTICS
Read-Only Operations
Notes:
1. Not 100% tested.
2. See Figure 12 and Table 14 for test specifications
3. Measurements performed by placing a 50 ohm termination on the data pin with a bias of VCC/2. The time from OE# high to
the data bus driven to V
CC/2 is taken as tDF
.
Parameter
Description
Test Setup
Speed Options
JEDEC
Std.
55
60
70
90
Unit
t
AVAV
t
RC
Read Cycle Time (Note 1)
Min
55
60
70
90
ns
t
AVQV
t
ACC
Address to Output Delay
CE#,
OE# = VIL
Max
55
607090
ns
tELQV
tCE
Chip Enable to Output Delay
OE# = VIL
Max
55
607090
ns
tGLQV
tOE
Output Enable to Output Delay
Max
25
30
35
ns
tEHQZ
tDF
Chip Enable to Output High Z (Notes 1, 3)
Max
16
ns
tGHQZ
tDF
Output Enable to Output High Z (Notes 1, 3)
Max
16
ns
tAXQX
tOH
Output Hold Time From Addresses, CE# or
OE#, Whichever Occurs First
Min
0
ns
tOEH
Output Enable Hold Time
(Note 1)
Read
Min
0
ns
Toggle and
Data# Polling
Min
5
10
ns
tOH
tCE
Outputs
WE#
Addresses
CE#
OE#
HIGH Z
Output Valid
HIGH Z
Addresses Stable
tRC
tACC
tOEH
tRH
tOE
tRH
0 V
RY/BY#
RESET#
tDF
Figure 14.
Read Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com