Electronic Components Datasheet Search
  English  ▼

X  

AM29DL640H70WHE Datasheet(PDF) 54 Page - Advanced Micro Devices

Part # AM29DL640H70WHE
Description  64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL640H70WHE Datasheet(HTML) 54 Page - Advanced Micro Devices

Back Button AM29DL640H70WHE Datasheet HTML 46Page - Advanced Micro Devices AM29DL640H70WHE Datasheet HTML 47Page - Advanced Micro Devices AM29DL640H70WHE Datasheet HTML 48Page - Advanced Micro Devices AM29DL640H70WHE Datasheet HTML 49Page - Advanced Micro Devices AM29DL640H70WHE Datasheet HTML 50Page - Advanced Micro Devices AM29DL640H70WHE Datasheet HTML 51Page - Advanced Micro Devices AM29DL640H70WHE Datasheet HTML 52Page - Advanced Micro Devices AM29DL640H70WHE Datasheet HTML 53Page - Advanced Micro Devices AM29DL640H70WHE Datasheet HTML 54Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 54 / 54 page
background image
52
Am29DL640H
February 9, 2005
REVISION SUMMARY
Revision A (November 11, 2002)
Initial release.
Revision A+1 (August 29, 2003)
Am29DL640H
Converted to preliminary datasheet.
Distinctive Characteristics and Physical
Dimensions
Removed 48-ball fine pitch BGA and 64-ball fortified
BGA.
Added 63-ball fine pitch BGA.
Ordering Information
Changed package type from WC to WH and removed
PC package.
Table 6, Am29DL640H Boot Sector/Sector Block
Addresses for Protection/Unprotection
Modified the SA140 address.
Revision A+2 (October 24, 2003)
Table 11, Primary Vendor-Specific Extended Query
Corrected definitions for data at address 4Fh.
Revision A+3 (November 26, 2003)
DC Characteristics table
Changed VOL maximum specification from 4 mA to 2
mA.
Revision A+4 (May 10, 2004)
Updated preliminary to datasheet status.
Added additional header information on first page of
datasheet.
Revision A+5 (July 12, 2004)
Table 5, “Am29DL640H Autoselect Codes, (High
Voltage Method),” on page 14.
Replaced “80h (factory locked),40h (customer locked),
00h (not factory/customer locked)” with “81h (factory
locked),01h (customer and factory locked)”.
Table 12, “Am29DL640H Command Definitions,” on
page 27
In Secured Silicon Sector Factory Protect row, Data
column - Replaced “80/00” with “81/01”.
(Note 10) Replaced “The data is 80h for factor y
locked, 40h for customer locked, and 00h for not fac-
tory/customer locked” with “The data is 81h for factory
locked, 40h for customer locked, and 01h for not fac-
tory/customer locked”.
Revision A+6 (February 9, 2005)
Connection Diagrams
Updated the 63-ball FBGA diagram.
Colophon
The products described in this document are designed, developed and manufactured as contemplated for general use, including without limita-
tion, ordinary industrial use, general office use, personal use, and household use, but are not designed, developed and manufactured as con-
templated (1) for any use that includes fatal risks or dangers that, unless extremely high safety is secured, could have a serious effect to the
public, and could lead directly to death, personal injury, severe physical damage or other loss (i.e., nuclear reaction control in nuclear facility,
aircraft flight control, air traffic control, mass transport control, medical life support system, missile launch control in weapon system), or (2) for
any use where chance of failure is intolerable (i.e., submersible repeater and artificial satellite). Please note that Spansion will not be liable to
you and/or any third party for any claims or damages arising in connection with above-mentioned uses of the products. Any semiconductor de-
vices have an inherent chance of failure. You must protect against injury, damage or loss from such failures by incorporating safety design mea-
sures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating
conditions. If any products described in this document represent goods or technologies subject to certain restrictions on export under the Foreign
Exchange and Foreign Trade Law of Japan, the US Export Administration Regulations or the applicable laws of any other country, the prior au-
thorization by the respective government entity will be required for export of those products
Trademarks
Copyright ©2002-2005 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com