Electronic Components Datasheet Search
  English  ▼

X  

WR20W100_PQL Datasheet(PDF) 5 Page - WALSIN TECHNOLOGY CORPORATION

Part # WR20W100_PQL
Description  Thick Film Power Chip Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WR20W100_PQL Datasheet(HTML) 5 Page - WALSIN TECHNOLOGY CORPORATION

  WR20W100_PQL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WR20W100_PQL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WR20W100_PQL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WR20W100_PQL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WR20W100_PQL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WR20W100_PQL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WR20W100_PQL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Approval sheet
Page 5 of 7
WR18-20-25X(W)_V17
DEC - 2016
SOLDERING CONDITION
The robust construction of chip resistors allows them to be completely immersed in a solder bath of 260
C
for 10 seconds. Therefore, it is possible to mount Surface Mount Resistors on one side of a PCB and other
discrete components on the reverse (mixed PCBs).
Surface Mount Resistors are tested for solderability at 235
C during 2 seconds. The test condition for no
leaching is 260
C for 30 seconds. Typical examples of soldering processes that provide reliable joints
without any damage are given in below.
CATALOGUE NUMBERS
The resistors have a catalogue number starting with .
WR20
X
472_
J
T
L
Size code
WR25 : 2512
WR20 : 2010
WR18: 1218
Type code
X :
5%: 1-10M
1%: 10-1M
W :
1% : <10
 or
>1M
Resistance code
5% E24 : 2 significant digits
followed by no. of zeros and
a blank
4.7
=4R7_
10
=100_
1% E24+E96: 3 significant digits
followed by no. of zeros
102
=1020
37.4K
=3742
Tolerance
J :
5%
F :
1%
P : Jumper
Packaging code
T : 7
” Reel taping
(T:1218 10
” Reel)
Q : 10
” Reel taping
G : 13
” Reel taping
Termination code
L = Sn base (lead
free)
3-5 sec



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com