Electronic Components Datasheet Search
  English  ▼

X  

WR20W100_FGL Datasheet(PDF) 1 Page - WALSIN TECHNOLOGY CORPORATION

Part # WR20W100_FGL
Description  Thick Film Power Chip Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WR20W100_FGL Datasheet(HTML) 1 Page - WALSIN TECHNOLOGY CORPORATION

  WR20W100_FGL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WR20W100_FGL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WR20W100_FGL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WR20W100_FGL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WR20W100_FGL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WR20W100_FGL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WR20W100_FGL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Approval sheet
Page 1 of 7
WR18-20-25X(W)_V17
DEC - 2016
WR18X(W), WR20X(W), WR25X(W)
1%, 5%
Thick Film Power Chip Resistors
Size 1218,2010,2512
*Contents in this sheet are subject to change without prior notice.


Similar Part No. - WR20W100_FGL

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
WR20W1000FGLJ WALSIN-WR20W1000FGLJ Datasheet
244Kb / 7P
Automotive grade AEC Q-200 compliant
More results

Similar Description - WR20W100_FGL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0402WGF0000TCE ETC2-0402WGF0000TCE Datasheet
94Kb / 9P
Thick Film Chip Resistors
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-8GEYJ101V PANASONIC-ERJ-8GEYJ101V Datasheet
84Kb / 2P
Thick Film Chip Resistors
logo
Rohm
MCR01MZPF2202 ROHM-MCR01MZPF2202 Datasheet
143Kb / 7P
Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-8GEY0R00V PANASONIC-ERJ-8GEY0R00V Datasheet
84Kb / 2P
Thick Film Chip Resistors
ERJ-14YJ301U PANASONIC-ERJ-14YJ301U Datasheet
84Kb / 2P
Thick Film Chip Resistors
ERJ-12YJ272U PANASONIC-ERJ-12YJ272U Datasheet
84Kb / 2P
Thick Film Chip Resistors
logo
Rohm
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
Thick Film Chip Resistors
logo
WALSIN TECHNOLOGY CORPO...
WR18X_TR WALSIN-WR18X_TR Datasheet
205Kb / 7P
Thick Film Power Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com