Electronic Components Datasheet Search
  English  ▼

X  

LM2931ACT Datasheet(PDF) 12 Page - ON Semiconductor

Part # LM2931ACT
Description  LOW DROPOUT VOLTAGE REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2931ACT Datasheet(HTML) 12 Page - ON Semiconductor

Back Button LM2931ACT Datasheet HTML 8Page - ON Semiconductor LM2931ACT Datasheet HTML 9Page - ON Semiconductor LM2931ACT Datasheet HTML 10Page - ON Semiconductor LM2931ACT Datasheet HTML 11Page - ON Semiconductor LM2931ACT Datasheet HTML 12Page - ON Semiconductor LM2931ACT Datasheet HTML 13Page - ON Semiconductor LM2931ACT Datasheet HTML 14Page - ON Semiconductor LM2931ACT Datasheet HTML 15Page - ON Semiconductor LM2931ACT Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LM2931 Series
12
MOTOROLA ANALOG IC DEVICE DATA
TH SUFFIX
PLASTIC PACKAGE
CASE 314A–03
(TO–220 Type)
ISSUE D
TV SUFFIX
PLASTIC PACKAGE
CASE 314B–05
(TO–220 Type)
ISSUE J
G
W
E
J 5 PL
D 5 PL
F
K
U
B
A
L
C
H
12 34 5
SEATING
PLANE
–T–
N
S
V
T
0.24 (0.610) M
–P–
Q
TP
0.10 (0.254) M
M
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION D DOES NOT INCLUDE INTERCONNECT BAR
(DAMBAR) PROTRUSION. DIMENSION D INCLUDING
PROTRUSION SHALL NOT EXCEED 0.043 (1.092) MAXIMUM.
1.702 BSC
0.067 BSC
MIN
MIN
MAX
MAX
INCHES
MILLIMETERS
DIM
A
B
C
D
E
F
G
H
J
K
L
N
Q
S
U
V
W
14.529
9.906
4.318
0.635
1.219
21.590
0.381
22.860
8.128
3.556
–
11.888
–
2.286
15.570
10.541
4.572
0.965
1.397
23.749
0.635
27.940
9.271
3.886
15.748
12.827
18.669
2.794
0.572
0.390
0.170
0.025
0.048
0.850
0.015
0.900
0.320
0.140
–
0.468
–
0.090
0.613
0.415
0.180
0.038
0.055
0.935
0.025
1.100
0.365
0.153
0.620
0.505
0.735
0.110
4.216 BSC
0.166 BSC
8.128 BSC
0.320 BSC
OUTLINE DIMENSIONS
G
E
J 5 PL
D 5 PL
F
K
U
B
A
L
C
12 34 5
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION D DOES NOT INCLUDE
INTERCONNECT BAR (DAMBAR) PROTRUSION.
DIMENSION D INCLUDING PROTRUSION SHALL
NOT EXCEED 0.043 (1.092) MAXIMUM.
SEATING
PLANE
–T–
S
TP
0.014 (0.356) M
M
OPTIONAL
CHAMFER
Q
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
0.572
0.613
14.529
15.570
INCHES
B
0.390
0.415
9.906
10.541
C
0.170
0.180
4.318
4.572
D
0.025
0.038
0.635
0.965
E
0.048
0.055
1.219
1.397
F
0.570
0.585
14.478
14.859
G
0.067 BSC
1.702 BSC
J
0.015
0.025
0.381
0.635
K
0.730
0.745
18.542
18.923
L
0.320
0.365
8.128
9.271
Q
0.140
0.153
3.556
3.886
S
0.210
0.260
5.334
6.604
U
0.468
0.505
11.888
12.827
–P–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com