Electronic Components Datasheet Search
  English  ▼

X  

LM4925SD Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4925SD
Description  2 Cell, Single Ended Output, 40mW Stereo Headphone Audio Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4925SD Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM4925SD Datasheet HTML 2Page - National Semiconductor (TI) LM4925SD Datasheet HTML 3Page - National Semiconductor (TI) LM4925SD Datasheet HTML 4Page - National Semiconductor (TI) LM4925SD Datasheet HTML 5Page - National Semiconductor (TI) LM4925SD Datasheet HTML 6Page - National Semiconductor (TI) LM4925SD Datasheet HTML 7Page - National Semiconductor (TI) LM4925SD Datasheet HTML 8Page - National Semiconductor (TI) LM4925SD Datasheet HTML 9Page - National Semiconductor (TI) LM4925SD Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Typical Performance Characteristics
THD+N vs Frequency
V
DD = 1.8V, SE, RL =16
Ω
P
O = 5mW per channel
THD+N vs Frequency
V
DD = 3V, SE, RL =16
Ω
P
O = 20mW per channel
20121108
20121110
THD+N vs Frequency
V
DD = 1.8V, BTL, RL =8
Ω
P
O = 50mW
THD+N vs Frequency
V
DD = 3V, BTL, RL =8
Ω
P
O = 300mW
20121107
20121109
THD+N vs Output Power
V
DD = 1.8V, SE, RL =16
Ω
f = 1kHz, Both channels
THD+N vs Output Power
V
DD = 3V, SE, RL =16
Ω
f = 1kHz, Both channels
20121112
20121114
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com