Electronic Components Datasheet Search
  English  ▼

X  

2SC4692 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SC4692
Description  SILICON NPN TRIPLE DIFFUSED DIFFUSED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4692 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SC4692 Datasheet HTML 1Page - Hitachi Semiconductor 2SC4692 Datasheet HTML 2Page - Hitachi Semiconductor 2SC4692 Datasheet HTML 3Page - Hitachi Semiconductor 2SC4692 Datasheet HTML 4Page - Hitachi Semiconductor 2SC4692 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC4692
3
0
50
100
150
Case Temperature TC (°C)
Maximum Collector Dissipation Curve
60
40
20
4
8
12
16
20
Collector to emitter Voltage VCE (V)
0
400
800
1,200
1,600
2,000
Area of Safe Operation
(100 V, 20 A)
(800 V, 5 A)
0.5 mA
f = 31.5 kHz
Ta = 25
°C
For picture tube arcing
Collector to emitter Voltage VCE (V)
0
Typical Output Characteristics
2468
10
2
4
6
8
10
TC = 25°C
IB = 0
0.2 A
0.4 A
0.6 A
0.8 A
1.0 A
1.2 A
1.4 A
1.6 A
1.8
A
1.0
2
5
10
50
100
20
Collector current IC (A)
0.1
0.2
0.5
1.0
2
5
10
20
DC Current Transfer Ratio
vs. Collector Current
VCE = 5 V
Pulse
TC = 75°C
25
°C
–25
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com