Electronic Components Datasheet Search
  English  ▼

X  

2955331 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2955331
Description  Module - UM-HOZ 462/1-1-1-1-2-2/G 24
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2955331 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2955331 Datasheet HTML 1Page - PHOENIX CONTACT 2955331 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/2955331
12/9/13   Page 1 / 2
Module - UM-HOZ 462/1-1-1-1-2-2/G 24 - 2955331
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Universal module, with Hengstler plug-in base for safety relay H...462/2, contact: 4 N/O contacts, 2 N/C contacts,
with light indicator, damping and polarity protection diodes, input voltage 24-48 V DC
Key commercial data
Packing unit
1 PCE
GTIN
Weight per Piece (excluding packing)
105.1 GRM
Custom tariff number
85364190
Country of origin
Germany
Technical data
Product type
Relay socket
Connection method
Screw connection
Design
Plug-in base
Nominal voltage
24 V AC ... 48 V AC
Classifications
eCl@ss
eCl@ss 4.0
27371102
eCl@ss 4.1
27371102
eCl@ss 5.0
27371901
eCl@ss 5.1
27371901
eCl@ss 6.0
27371001
eCl@ss 7.0
27371001
eCl@ss 8.0
27371001


Similar Part No. - 2955331

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
29553C BELDEN-29553C Datasheet
241Kb / 2P
VFD, 3C #8 Str BC XLPO Ins #10 Symm. Seg.
More results

Similar Description - 2955331

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4885 MAXIM-MAX4885 Datasheet
367Kb / 13P
Complete VGA 1:2 or 2:1 Multiplexer
Rev 0; 5/06
logo
Chicago Miniature Lamp,...
CM123 CML-CM123 Datasheet
227Kb / 1P
G-3 1/2 Miniature 2 Pin Base
logo
Micrel Semiconductor
SY89474U MICREL-SY89474U_10 Datasheet
424Kb / 11P
Precision LVDS 2:1 Multiplexer with 1:2
logo
uPI Group Inc.
UP9508 UPI-UP9508 Datasheet
1Mb / 45P
3/2/12/1-Phase PWM Controller
UP9508Q UPI-UP9508Q Datasheet
706Kb / 49P
3/2/12/1-Phase PWM Controller
logo
List of Unclassifed Man...
BACB30 ETC2-BACB30 Datasheet
885Kb / 2P
Fastener Length: 1-1/2
logo
PHOENIX CONTACT
2898142 PHOENIX-2898142 Datasheet
91Kb / 4P
Relay connectors - ST-REL4-SG 24-2/1-1
2955276 PHOENIX-2955276 Datasheet
67Kb / 2P
Module - UM-HOZ 462/1-1-1-1-2-2/W120
2955438 PHOENIX-2955438 Datasheet
72Kb / 2P
Module - UM-HOZ 462/1-1-1-2
2955425 PHOENIX-2955425 Datasheet
55Kb / 3P
Relay base - UM-HOZ 462/1-1-1-2/G 24
09/12/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com